Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH16901 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVCH16901
Description  18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH16901 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALVCH16901 Datasheet HTML 1Page - Texas Instruments SN74ALVCH16901 Datasheet HTML 2Page - Texas Instruments SN74ALVCH16901 Datasheet HTML 3Page - Texas Instruments SN74ALVCH16901 Datasheet HTML 4Page - Texas Instruments SN74ALVCH16901 Datasheet HTML 5Page - Texas Instruments SN74ALVCH16901 Datasheet HTML 6Page - Texas Instruments SN74ALVCH16901 Datasheet HTML 7Page - Texas Instruments SN74ALVCH16901 Datasheet HTML 8Page - Texas Instruments SN74ALVCH16901 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN74ALVCH16901
18-BIT UNIVERSAL BUS TRANSCEIVER
WITH PARITY GENERATORS/CHECKERS
SCES010E – JULY 1995 – REVISED FEBRUARY 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Function Tables (Continued)
PARITY
INPUTS
OUTPUTS
SEL
OEBA
OEAB
ODD/EVEN
Σ OF INPUTS
A1–A8 = H
Σ OF INPUTS
B1–B8 = H
APAR
BPAR
APAR
ERRA
BPAR
ERRB
L
H
L
L
0, 2, 4, 6, 8
N/A
L
N/A
N/A
H
L
Z
L
H
L
L
1, 3, 5, 7
N/A
L
N/A
N/A
LH
Z
L
H
L
L
0, 2, 4, 6, 8
N/A
H
N/A
N/A
LL
Z
L
H
L
L
1, 3, 5, 7
N/A
H
N/A
N/A
HH
Z
L
L
H
L
N/A
0, 2, 4, 6, 8
N/A
L
L
Z
N/A
H
L
L
H
L
N/A
1, 3, 5, 7
N/A
L
H
Z
N/A
L
L
L
H
L
N/A
0, 2, 4, 6, 8
N/A
H
L
Z
N/A
L
L
L
H
L
N/A
1, 3, 5, 7
N/A
H
H
Z
N/A
H
L
H
L
H
0, 2, 4, 6, 8
N/A
L
N/A
N/A
L
H
Z
L
H
L
H
1, 3, 5, 7
N/A
L
N/A
N/A
HL
Z
L
H
L
H
0, 2, 4, 6, 8
N/A
H
N/A
N/A
HH
Z
L
H
L
H
1, 3, 5, 7
N/A
H
N/A
N/A
LL
Z
L
L
H
H
N/A
0, 2, 4, 6, 8
N/A
L
H
Z
N/A
L
L
L
H
H
N/A
1, 3, 5, 7
N/A
L
L
Z
N/A
H
L
L
H
H
N/A
0, 2, 4, 6, 8
N/A
H
H
Z
N/A
H
L
L
H
H
N/A
1, 3, 5, 7
N/A
H
L
Z
N/A
L
L
H
H
L
0, 2, 4, 6, 8
0, 2, 4, 6, 8
L
L
Z
H
Z
H
L
H
H
L
1, 3, 5, 7
1, 3, 5, 7
L
L
Z
LZL
L
H
H
L
0, 2, 4, 6, 8
0, 2, 4, 6, 8
H
H
Z
LZL
L
H
H
L
1, 3, 5, 7
1, 3, 5, 7
H
H
Z
HZH
L
H
H
H
0, 2, 4, 6, 8
0, 2, 4, 6, 8
L
L
Z
L
Z
L
L
H
H
H
1, 3, 5, 7
1, 3, 5, 7
L
L
Z
HZH
L
H
H
H
0, 2, 4, 6, 8
0, 2, 4, 6, 8
H
H
Z
HZH
L
H
H
H
1, 3, 5, 7
1, 3, 5, 7
H
H
Z
LZL
L
L
L
L
N/A
N/A
N/A
N/A
PE†
Z
PE†
Z
L
L
L
H
N/A
N/A
N/A
N/A
PO‡
Z
PO‡
Z
† Parity output is set to the level so that the specific bus side is set to even parity.
‡ Parity output is set to the level so that the specific bus side is set to odd parity.


Similar Part No. - SN74ALVCH16901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16901DGGR TI-SN74ALVCH16901DGGR Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
More results

Similar Description - SN74ALVCH16901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC16901 TI1-SN74ALVC16901 Datasheet
169Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74LVCH16901 TI-SN74LVCH16901 Datasheet
155Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74ALVCH16901DGGR TI-SN74ALVCH16901DGGR Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74LVCH16901 TI1-SN74LVCH16901_14 Datasheet
565Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
logo
Integrated Device Techn...
IDT74ALVCH16901 IDT-IDT74ALVCH16901 Datasheet
80Kb / 9P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS / CHECKERS AND BUS-HOLD
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com