Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDR-F4-31Z-U-T-DM Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # LDR-F4-31Z-U-T-DM
Description  1310nm & 1550nm Laser Diode Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

LDR-F4-31Z-U-T-DM Datasheet(HTML) 2 Page - Source Photonics, Inc.

  LDR-F4-31Z-U-T-DM Datasheet HTML 1Page - Source Photonics, Inc. LDR-F4-31Z-U-T-DM Datasheet HTML 2Page - Source Photonics, Inc. LDR-F4-31Z-U-T-DM Datasheet HTML 3Page - Source Photonics, Inc. LDR-F4-31Z-U-T-DM Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LDR-FX-XXZ-X-T-XXSTSA-XX
1310nm & 1550nm Laser Diode Module
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS789-MAY2906
rev. A.3
Optical and Electrical Characteristics (Tc=25ºC λ=1550nm )
(All optical data refer to a coupled 9/125µm SM fiber & 50/125µm MM fiber )
Note: 1.Pin assignment can be customized.
2.Specifications subject to change without Notice.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Threshold Current
Ith
-
10
15
mA
CW
Output Power
L
M
H
U
P
f
0.2
0.5
1
1.7
-
-
1.6
2
0.5
1
-
-
mW
CW, Iop=Ith+25mA
Kink free
Peak Wavelength
λ
1530
1550
1570
nm
CW, Pf=Pf(Min)
Spectral Width (RMS)
∆λ
-
2
5
nm
CW, Pf=Pf(Min)
Foward Voltage
Vf
-
1.2
1.5
V
CW, Pf=Pf(Min)
Rise Time/Fall Time
3
4
Tr/Tf
-
-
-
-
0.5
0.15
ns
CW, Pf=Pf(Min), Ibias=Ith, 10~90%
CW, Pf=Pf(Min), Ibias=Ith, 20~80%
Level length=1mm
Tracking error
∆Pf/Pf
-1.5
-
1.5
dB
APC, -40 to +85ºC
PD Monitor Current
IM
100
-
-
µA
CW, Pf=Pf(Min), VRPD=2V
PD Dark Current
IDARK
-
-
0.1
µA
VRPD=5V
PD Capacitance
Ct
-
6
15
pF
VRPD=5V , f=1MHz


Similar Part No. - LDR-F4-31Z-U-T-DM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
LDR-FC-31Z-H-T-AMFCNE SOURCE-LDR-FC-31Z-H-T-AMFCNE Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-H-T-AMFCNE-G5 SOURCE-LDR-FC-31Z-H-T-AMFCNE-G5 Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-H-T-AMFCNE-GR SOURCE-LDR-FC-31Z-H-T-AMFCNE-GR Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-H-T-AMFCNG SOURCE-LDR-FC-31Z-H-T-AMFCNG Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-H-T-AMFCNG-G5 SOURCE-LDR-FC-31Z-H-T-AMFCNG-G5 Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
More results

Similar Description - LDR-F4-31Z-U-T-DM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
LDR-FC-31Z-L-T-ASFCNE SOURCE-LDR-FC-31Z-L-T-ASFCNE Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-L-T-ASSTNB SOURCE-LDR-FC-31Z-L-T-ASSTNB Datasheet
430Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDP-FC-31Z-L-T-ASNCN SOURCE-LDP-FC-31Z-L-T-ASNCN Datasheet
518Kb / 4P
   1310nm & 1550nm Laser Diode Module
logo
List of Unclassifed Man...
C-15-002 ETC2-C-15-002 Datasheet
501Kb / 6P
   1550nm 2.5Gbps Laser Diode Module
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
   1550nm MQW-DFB Laser Diode Module
logo
List of Unclassifed Man...
LD131T10 ETC-LD131T10 Datasheet
251Kb / 4P
   1310nm Laser Diode
logo
Source Photonics, Inc.
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
C-13-1315T-01 SOURCE-C-13-1315T-01 Datasheet
488Kb / 3P
   1310nm Laser Diode Transmitter
C-13-1315T-08 SOURCE-C-13-1315T-08 Datasheet
260Kb / 4P
   1310nm Laser Diode Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com