Electronic Components Datasheet Search |
|
C-13-1250-F-SLC-G5 Datasheet(PDF) 7 Page - Source Photonics, Inc. |
|
C-13-1250-F-SLC-G5 Datasheet(HTML) 7 Page - Source Photonics, Inc. |
7 / 11 page 7 1.25 Gbps Single Mode SFF LC Transceiver C-13-1250-F-SLC(2) 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMNDS828-Apr2406 Rev A.1 LUMINENTOIC.COM Signal Detect (LVTTL output) The C-13-1250(A)C-F-SLC(2) transceivers are equipped with LVTTL signal detect output. The standard LVTTL output eliminates the need for a LVPECL to LVTTL level shifter in most applications. Power Coupling A suggested layout for power and ground connections is given in figure 3A below. Connections are made via separate voltage and ground planes. The mounting posts are at case ground and should not be connected to circuit ground. The mounting posts are at case ground and should not be connected to circuit ground. The ferrite bead should provide a real impedance of 50 to 100 ohms at 100 to 1000 MHz. By- pass capacitors should be placed as close to the 10-pin connector as possible. R=130k� or N.C R1 Figure 2: Signal Detect VALUES: C1, C2 = 1000pF, C3, = 0.1 uF C4, = 10 uF, L1, L2 = Real impednce of 50 to 100 Ohms to 1000 MHz. L1 C3 C4 C1 C2 Vcc L2 Figure 3: Suggested Power Coupling-Electrical Schematic |
Similar Part No. - C-13-1250-F-SLC-G5 |
|
Similar Description - C-13-1250-F-SLC-G5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |