Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFPD-MR-12-56-A Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SFPD-MR-12-56-A
Description  Multirate DWDM SFP Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SFPD-MR-12-56-A Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SFPD-MR-12-56-A Datasheet HTML 1Page - Source Photonics, Inc. SFPD-MR-12-56-A Datasheet HTML 2Page - Source Photonics, Inc. SFPD-MR-12-56-A Datasheet HTML 3Page - Source Photonics, Inc. SFPD-MR-12-56-A Datasheet HTML 4Page - Source Photonics, Inc. SFPD-MR-12-56-A Datasheet HTML 5Page - Source Photonics, Inc. SFPD-MR-12-56-A Datasheet HTML 6Page - Source Photonics, Inc. SFPD-MR-12-56-A Datasheet HTML 7Page - Source Photonics, Inc. SFPD-MR-12-56-A Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Multirate DWDM SFP Transceiver
SFPD-MR-xx-xx-A
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
Confidential and Proprietary
LUMNDS724-Oct2607
Rev A.4
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
POP
0
2
4
dBm
Average Launch Power (Tx:Off)
POff
-
-
-45
dBm
Extinction Ratio
ER
8.2
-
-
dB
Eye Mask
-
-
-
IEEE 802.3, SONET/SDH compliant
Optical Jitter Generation
Jgen(pk-pk)
-
-
0.07
UI
Optical Rise Timeb
tr
-
-
160
ps
Optical Fall Timeb
tf
-
160
ps
Channel Spacing
∆f
-
100
-
GHz
Deviation From Central Frequency, EOL
±12
GHz
Spectral Width (20dB)
∆λ
-
-
0.3
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Dispersion Penalty at specified distancec
dp
-
-
2
dB
Relative Intensity Noise
RIN
-
-
-135
dB/Hz
Reflection Toleranced
rp
-24
-
-
dB
b) 20%-80% values
c) Measured at BER of 10-12, PRBS of 223-1, at eye center, OC-48. For SFPD-MR-08/E08-xx-A, measured at 80km (1600ps/nm); for SFPD-MR-12/E12-xx-A, measured at
120km (2400ps/nm); for SFPD-MR-20/E20-xx-A, measured at 200km (4000ps/nm).
d) 2dB degradation of receiver sensitivity
Transmitter Specifications (Optical)
Features
• Available in all 100 GHz C-Band Wavelengths on the
DWDM ITU Grid
• DWDM SFP MSA Compliant
• Cold Start Up Wavelength Compliance
• Low Power Dissipation <1.3W Maximum
• -5ºC to 70ºC Operating Case Temperature
• Multirate Functionality From 100M to 2.7Gbps
• SONET OC-48 /SDH STM-16 Compliant
• Pluggable Into Existing Standard SFP Cages
• Diagnostic Performance Monitoring of Transmit Power,
Receive Power, Laser Bias, Module Temperature, Laser
Temperature, APD Bias Voltage, TEC Current
• APD Based Receiver Sensitivity of -28dBm at OC-48
• Long Reach 80km, 120km and 200km Versions Available
Parameter
Symbol
Min.
Typical
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current (BOL)
Icc
-
-
375
mA
Power Supply Noise Rejectiona
PSR
100
-
-
mVp-p
Operating Case Temperature
Top
-5
-
70
ºC
Storage Temperature
Tst
-40
-
85
ºC
Data Rate Multirate
MR
100
-
2700
Mbps
General Operation
a) 20Hz to 155MHz


Similar Part No. - SFPD-MR-12-56-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFPD-4F-04-15-A SOURCE-SFPD-4F-04-15-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-16-A SOURCE-SFPD-4F-04-16-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-17-A SOURCE-SFPD-4F-04-17-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-18-A SOURCE-SFPD-4F-04-18-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-19-A SOURCE-SFPD-4F-04-19-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
More results

Similar Description - SFPD-MR-12-56-A

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP27DWLR08 MRV-SFP27DWLR08 Datasheet
94Kb / 5P
   DWDM Multirate SFP Transceivers
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Optoway Technology Inc
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW-DXXG OPTOWAY-SPS-2381MW-DXXG Datasheet
200Kb / 7P
   80km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
XPD-MR-08-15CDA SOURCE-XPD-MR-08-15CDA Datasheet
652Kb / 6P
   10 Gbps 80km DWDM Multirate XFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com