Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-GB-EX-CNA Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # SP-GB-EX-CNA
Description  40km GbE SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-GB-EX-CNA Datasheet(HTML) 5 Page - Source Photonics, Inc.

  SP-GB-EX-CNA Datasheet HTML 1Page - Source Photonics, Inc. SP-GB-EX-CNA Datasheet HTML 2Page - Source Photonics, Inc. SP-GB-EX-CNA Datasheet HTML 3Page - Source Photonics, Inc. SP-GB-EX-CNA Datasheet HTML 4Page - Source Photonics, Inc. SP-GB-EX-CNA Datasheet HTML 5Page - Source Photonics, Inc. SP-GB-EX-CNA Datasheet HTML 6Page - Source Photonics, Inc. SP-GB-EX-CNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
40km GbE SFP Transceiver
SP-GB-EX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS897-Oct2805
rev A.0
LUMINENTOIC.COM
Outline Drawing
Units in mm
Section A-A


Similar Part No. - SP-GB-EX-CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-GB-EX-CDFC SOURCE-SP-GB-EX-CDFC Datasheet
231Kb / 9P
   Digital diagnostic monitor interface Compatible with SFF-8472
More results

Similar Description - SP-GB-EX-CNA

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPP1XGJERXG-0985 OPLINK-TPP1XGJERXG-0985 Datasheet
266Kb / 6P
   1550nm 40km SFP Transceiver
logo
Source Photonics, Inc.
SP-4F-04-CDA SOURCE-SP-4F-04-CDA Datasheet
461Kb / 7P
   4.25Gb/s 40km SFP Transceiver
logo
Level One
SFP-6141 LVL1-SFP-6141 Datasheet
1Mb / 4P
   10Gbps SMF SFP-Plus Transceiver 40km
logo
Source Photonics, Inc.
SPC-GB-YX-31CDA SOURCE-SPC-GB-YX-31CDA Datasheet
538Kb / 7P
   60 km CWDM GbE SFP Transceiver
logo
Optoway Technology Inc
SPS-2341MW-CXX0G_2015 OPTOWAY-SPS-2341MW-CXX0G_2015 Datasheet
228Kb / 7P
   40km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
logo
Finisar Corporation.
FTLX3671DTC20 FINISAR-FTLX3671DTC20 Datasheet
505Kb / 13P
   Industrial Temperature DWDM 1.2G-11.3G, 40km SFP Transceiver
logo
Level One
SFP-9421 LVL1-SFP-9421 Datasheet
309Kb / 4P
   1.25G SMF BIDI SFP Transceiver 40km T1310/R1550nm
SFP-9431 LVL1-SFP-9431 Datasheet
315Kb / 4P
   1.25G SMF BIDI SFP Transceiver 40km T1550/R1310nm
logo
Optoway Technology Inc
SPS-2341MW-CXX0G OPTOWAY-SPS-2341MW-CXX0G_15 Datasheet
228Kb / 7P
   40km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
logo
Finisar Corporation.
FTLX1671D3BTL FINISAR-FTLX1671D3BTL Datasheet
474Kb / 11P
   10GGb/s Industrial Temperature 40Km Datacom SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com