Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-35-GB-EBX-CNA Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # SPL-35-GB-EBX-CNA
Description  SFP Bi-Directional Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-35-GB-EBX-CNA Datasheet(HTML) 4 Page - Source Photonics, Inc.

  SPL-35-GB-EBX-CNA Datasheet HTML 1Page - Source Photonics, Inc. SPL-35-GB-EBX-CNA Datasheet HTML 2Page - Source Photonics, Inc. SPL-35-GB-EBX-CNA Datasheet HTML 3Page - Source Photonics, Inc. SPL-35-GB-EBX-CNA Datasheet HTML 4Page - Source Photonics, Inc. SPL-35-GB-EBX-CNA Datasheet HTML 5Page - Source Photonics, Inc. SPL-35-GB-EBX-CNA Datasheet HTML 6Page - Source Photonics, Inc. SPL-35-GB-EBX-CNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SFP Bi-Directional Transceiver
SPL-35-GB-EBX
LUMINENTOIC.COM
LUMNDS1509-Oct3106
Rev A.1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
Name of Field
Discription of Field
Address
Hex
ASCII
Vendor Name
SFP Vendor name (ASCII)
20
4C
L
21
55
U
22
4D
M
23
49
I
24
4E
N
25
45
E
26
4E
N
27
54
T
28
4F
O
29
49
I
30
43
C
Vendor OUI
IEEE vendor OUI code for Luminent Inc.
37
00
38
06
39
B5
Vendor P/N
Part number in ASCII, e.g.
SPL-35-GB-EBX
40
53
S
41
50
p
42
4C
L
43
33
3
44
35
5
45
47
G
46
42
B
47
45
E
48
42
B
49
58
X
EEPROM Serial ID


Similar Part No. - SPL-35-GB-EBX-CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-35-GB-BD-CDA SOURCE-SPL-35-GB-BD-CDA Datasheet
518Kb / 7P
   SFP Bi-Directional Transceiver
SPL-35-GB-BD-CNA SOURCE-SPL-35-GB-BD-CNA Datasheet
518Kb / 7P
   SFP Bi-Directional Transceiver
SPL-35-GB-BD-TDA SOURCE-SPL-35-GB-BD-TDA Datasheet
518Kb / 7P
   SFP Bi-Directional Transceiver
SPL-35-GB-BD-TNA SOURCE-SPL-35-GB-BD-TNA Datasheet
518Kb / 7P
   SFP Bi-Directional Transceiver
SPL-35-GB-BD-XDFM SOURCE-SPL-35-GB-BD-XDFM Datasheet
263Kb / 10P
   Up to 40km point-point transmission
More results

Similar Description - SPL-35-GB-EBX-CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
SPS-43-GB-BX-CNA SOURCE-SPS-43-GB-BX-CNA Datasheet
671Kb / 9P
   SFP Bi-Directional Transceiver
SPL-34-GB-BX-CNA SOURCE-SPL-34-GB-BX-CNA Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-EBX-CNA SOURCE-SPL-53-GB-EBX-CNA Datasheet
625Kb / 7P
   SFP Bi-Directional Transceiver
SPL-45-FE-BZ-CDA SOURCE-SPL-45-FE-BZ-CDA Datasheet
625Kb / 7P
   SFP Bi-directional Transceiver
SPL-54-FE-BZ-CDA SOURCE-SPL-54-FE-BZ-CDA Datasheet
607Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com