Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-48-LR-41RDA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPC-48-LR-41RDA
Description  OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-48-LR-41RDA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPC-48-LR-41RDA Datasheet HTML 1Page - Source Photonics, Inc. SPC-48-LR-41RDA Datasheet HTML 2Page - Source Photonics, Inc. SPC-48-LR-41RDA Datasheet HTML 3Page - Source Photonics, Inc. SPC-48-LR-41RDA Datasheet HTML 4Page - Source Photonics, Inc. SPC-48-LR-41RDA Datasheet HTML 5Page - Source Photonics, Inc. SPC-48-LR-41RDA Datasheet HTML 6Page - Source Photonics, Inc. SPC-48-LR-41RDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
SPC-48-LR-xx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1537-FEB2706
rev. A.0
Features
• Single 3.3 V supply
• 80 km reach
• 26dB min, 30.5 dB typical link budget
• Commercial and Reduced Industrial temperature available
• CWDM wavelength, DFB laser
• SFP MSA SFF-8074i compliant
• GR 253/STM G.957 compliant
• Digital Diagnostic SFF-8472 Rev.9.3 compliant
• Telcordia GR-468 compliant
• RoHS 5/6 compliant (Lead Exemption)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
ICC
-
-
300
mA
Power Supply Noise Rejectiona
100
-
-
mVp-p
Operating Temperature(-Cxx)
Topr
-5
-
70
ºC
Operating Temperature(-Rxx)
Topr
-20
-
85
ºC
Storage Temperature
Tstg
-40
-
85
ºC
Data Rate
DR
-
2488
-
Mbps
a) 20Hz to 155MHz
General Operating
Parameter
Symbol
Min
Typical
Max
Unit
Optical power
Pop
-2
0.5
3
dBm
Average Launch power of off Tx
Poff
-
-
-30
dBm
Extinction Ratio
ER
8.2
-
-
dB
Eye Mask
SONET/SDH Compliant
Optical Jitter generation
Jgen
-
-
0.007
UI
Optical Rise timeb
tr
-
-
160
ps
Optical Fall timeb
tf
-
-
160
ps
Mean Wavelength
λ
1xxx-6.5nm
1xxx
1xxx+6.5nm
nm
Spectral width (20dB)
∆λ
-
-
1
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Dispersion penalty 1600 ps/nmc
RIN
-
1
2
dB
Relative Intensity Noise
rp
-
-
-120
dB/Hz
Reflectance Toleranced
dp
-24
-
-
dB
Transmitter Specifications (Optical)
b) 20%-80% values
c) Measured at BER of 1e-12, PRBS of 223-1, at eye center
d) 1 dB degradation of receiver sensitivity


Similar Part No. - SPC-48-LR-41RDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-48-IR-31CDA SOURCE-SPC-48-IR-31CDA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
SPC-48-IR-31CNA SOURCE-SPC-48-IR-31CNA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
SPC-48-IR-31RDA SOURCE-SPC-48-IR-31RDA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
SPC-48-IR-31RNA SOURCE-SPC-48-IR-31RNA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
SPC-48-IR-33CDA SOURCE-SPC-48-IR-33CDA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
More results

Similar Description - SPC-48-LR-41RDA

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1621P1WCL FINISAR-FTRJ1621P1WCL Datasheet
674Kb / 11P
   OC-48 LR-2/STM L-16.2 Multirate Pluggable SFP Transceiver
FTLF1621P1CL FINISAR-FTLF1621P1CL Datasheet
700Kb / 12P
   OC-48 LR-2/STM L-16.2 RoHS Compliant Pluggable SFP Transceiver
FTLF1621P2WCL FINISAR-FTLF1621P2WCL Datasheet
617Kb / 11P
   OC-48 LR-2/STM L-16.2 RoHS Compliant Pluggable SFP Transceiver
FTLF1621P2WTL FINISAR-FTLF1621P2WTL Datasheet
873Kb / 11P
   OC-48 LR-2/STM L-16.2 RoHS Compliant Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SP-48-LR2-CDA SOURCE-SP-48-LR2-CDA Datasheet
533Kb / 6P
   OC-48 LR-1/STM16 L-16.2 SFP Transceiver
logo
OPLINK Communications I...
TRPA48L2MCWDM OPLINK-TRPA48L2MCWDM Datasheet
481Kb / 5P
   Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
logo
Finisar Corporation.
FTRJ1621SGCL FINISAR-FTRJ1621SGCL Datasheet
497Kb / 10P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTLF1621S1GCL FINISAR-FTLF1621S1GCL Datasheet
213Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTLF1621S1XCL FINISAR-FTLF1621S1XCL Datasheet
238Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
logo
OPLINK Communications I...
TRPA48E2ZXLMX OPLINK-TRPA48E2ZXLMX Datasheet
475Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com