Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCHR16269ADL Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALVCHR16269ADL
Description  12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCHR16269ADL Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALVCHR16269ADL Datasheet HTML 1Page - Texas Instruments SN74ALVCHR16269ADL Datasheet HTML 2Page - Texas Instruments SN74ALVCHR16269ADL Datasheet HTML 3Page - Texas Instruments SN74ALVCHR16269ADL Datasheet HTML 4Page - Texas Instruments SN74ALVCHR16269ADL Datasheet HTML 5Page - Texas Instruments SN74ALVCHR16269ADL Datasheet HTML 6Page - Texas Instruments SN74ALVCHR16269ADL Datasheet HTML 7Page - Texas Instruments SN74ALVCHR16269ADL Datasheet HTML 8Page - Texas Instruments SN74ALVCHR16269ADL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
FUNCTION TABLES
SN74ALVCHR16269A
12-BIT TO 24-BIT REGISTERED BUS EXCHANGER
WITH 3-STATE OUTPUTS
SCES050O – AUGUST 1995 – REVISED SEPTEMBER 2004
To ensure the high-impedance state during power up or power down, a clock pulse should be applied as soon as
possible, and OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined
by the current-sinking capability of the driver. Due to OE being routed through a register, the active state of the
outputs cannot be determined prior to the arrival of the first clock pulse.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
All outputs are designed to sink up to 12 mA and include equivalent 26-
Ω resistors to reduce overshoot and
undershoot.
OUTPUT ENABLE
INPUTS
OUTPUTS
CLK
OEA
OEB
A
1B, 2B
H
H
Z
Z
H
L
Z
Active
L
H
Active
Z
L
L
Active
Active
A-TO-B STORAGE (OEB = L)
INPUTS
OUTPUTS
CLKENA1
CLKENA2
CLK
A
1B
2B
L
H
L
L
2B0
(1)
L
H
H
H
2B0
(1)
L
L
L
L
L
L
L
H
H
H
H
L
L
1B0
(1)
L
H
L
H
1B0
(1)
H
H
H
X
X
1B0
(1)
2B0
(1)
(1)
Output level before the indicated steady-state input conditions were
established
B-TO-A STORAGE (OEA = L)
INPUTS
OUTPUT
A
CLK
SEL
1B
2B
X
H
X
X
A0
(1)
X
L
X
X
A0
(1)
H
L
X
L
H
H
X
H
L
X
L
L
L
X
H
H
(1)
Output level before the indicated steady-state input conditions were
established
2


Similar Part No. - SN74ALVCHR16269ADL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
350Kb / 14P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269AGR TI-SN74ALVCHR16269AGR Datasheet
350Kb / 14P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269AGR TI1-SN74ALVCHR16269AGR Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269AL TI-SN74ALVCHR16269AL Datasheet
350Kb / 14P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269AL TI1-SN74ALVCHR16269AL Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCHR16269ADL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16269 TI-SN74ALVCH16269_07 Datasheet
441Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC162268 TI1-SN74ALVC162268 Datasheet
199Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16270 HITACHI-HD74ALVCH16270 Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com