Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-GB-YX-35TDA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPC-GB-YX-35TDA
Description  60 km CWDM GbE SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-GB-YX-35TDA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPC-GB-YX-35TDA Datasheet HTML 1Page - Source Photonics, Inc. SPC-GB-YX-35TDA Datasheet HTML 2Page - Source Photonics, Inc. SPC-GB-YX-35TDA Datasheet HTML 3Page - Source Photonics, Inc. SPC-GB-YX-35TDA Datasheet HTML 4Page - Source Photonics, Inc. SPC-GB-YX-35TDA Datasheet HTML 5Page - Source Photonics, Inc. SPC-GB-YX-35TDA Datasheet HTML 6Page - Source Photonics, Inc. SPC-GB-YX-35TDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
60 km CWDM GbE SFP Transceiver
SPC-GB-YX-xx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1541-FEB2307
rev. A.1
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
POP
-2
0
3
dBm
Average Launch Power Of Off Tx
POff
-
-
-30
dBm
Extinction Ratio (Dynamic)
ER
9
-
-
dB
Eye Mask
-
-
-
802.3z compliant
Optical Jitter Random
JR
-
-
147
ps
Optical Jitter Deterministic
JD
-
-
80
ps
Total Jitter
TJ
-
-
200
ps
Optical Rise Timec
tr
-
-
260
ps
Optical Fall Timec
tf
-
260
ps
Mean Wavelength
λ
1xx1-6.5nm
1xx1
1xx1+6.5nm
nm
Spectral Width (20dB)
∆λ
-
-
1
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Optical Path Penalty at 50 Kmd
dp
-
0.5
1
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Reflection Tolerancee
rp
-
-
-24
dB
Transmitter Specifications (Optical)
Features
• Data rate 1.062 to 1.25 Gb/s
• 60 km reach
• 22 dB min , 26 dB typical link budget
• Commercial and Industrial temperature available
• CWDM wavelength, DFB laser
• SFP MSA SFF-8074i compatible
• Digital Diagnostic SFF-8472 compatible
• Telcordia GR-468 compliant
• RoHS compliant
Parameter
Symbol
Min.
Typical
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current, -40 to 5ºCa
Icc
-
-
500
mA
Total Current, -5 to 85ºC
Icc
-
-
300
mA
Total Current each supply pin
IccR,IccT
-
-
300
mA
Power Supply Rejectionb
PSR
100
-
-
mVp-p
Operating temperature(-Cxx)
Top
-5
-
70
ºC
Operating Temperature(-Txx)
Top
-40
-
85
ºC
Storage Temperature
Tst
-40
-
85
ºC
Data Rate GbE
DR
-
1250
-
Mbps
Data Rate FC
DR
-
1062.5
-
Mbps
General Operating
a) Denotes deviation from MSA
b) 20Hz to 155MHz
c) 20%-80% values
d) Measured at BER of 10-12 ,PRBS of 27 -1, at eye center
e) 1 dB degardation of receiver sensitivity


Similar Part No. - SPC-GB-YX-35TDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-GB-EZX-27CDA SOURCE-SPC-GB-EZX-27CDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27CNA SOURCE-SPC-GB-EZX-27CNA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27TDA SOURCE-SPC-GB-EZX-27TDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27TNA SOURCE-SPC-GB-EZX-27TNA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-29CDA SOURCE-SPC-GB-EZX-29CDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
More results

Similar Description - SPC-GB-YX-35TDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-GB-XD-31CDA SOURCE-SPC-GB-XD-31CDA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
SPC-GB-ZX-31CDA SOURCE-SPC-GB-ZX-31CDA Datasheet
513Kb / 8P
   CWDM 80 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27CDA SOURCE-SPC-GB-EZX-27CDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SP-GB-YX-CDA SOURCE-SP-GB-YX-CDA Datasheet
489Kb / 7P
   60 Km Gigabit Ethernet SFP Transceiver
SPC-48-IR-31CDA SOURCE-SPC-48-IR-31CDA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
SP-GB-EX-CDA SOURCE-SP-GB-EX-CDA Datasheet
485Kb / 7P
   40km GbE SFP Transceiver
logo
Finisar Corporation.
FWLF15197D FINISAR-FWLF15197D Datasheet
676Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-47 FINISAR-FWDM-1519-7D-47 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
logo
Optoway Technology Inc
SPS-2371W-C470G OPTOWAY-SPS-2371W-C470G Datasheet
197Kb / 6P
   10.3 Gbps / 70 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-CXX0G OPTOWAY-SPS-2341W-CXX0G Datasheet
208Kb / 7P
   10.3 Gbps / 40 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com