Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-48-LR-59RDA Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SPC-48-LR-59RDA
Description  OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-48-LR-59RDA Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SPC-48-LR-59RDA Datasheet HTML 1Page - Source Photonics, Inc. SPC-48-LR-59RDA Datasheet HTML 2Page - Source Photonics, Inc. SPC-48-LR-59RDA Datasheet HTML 3Page - Source Photonics, Inc. SPC-48-LR-59RDA Datasheet HTML 4Page - Source Photonics, Inc. SPC-48-LR-59RDA Datasheet HTML 5Page - Source Photonics, Inc. SPC-48-LR-59RDA Datasheet HTML 6Page - Source Photonics, Inc. SPC-48-LR-59RDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
SPC-48-LR-xx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1537-FEB2706
rev. A.0
Parameter
Symbol
Min
Typical
Max
Unit
Tx Disable Negate time
t_on
-
-
1
ms
Tx Disable assert time
t_off
-
-
10
µs
Time to initialize, including reset of Tx fault
t_init
-
-
300
ms
Tx fault Assert time
t_fault
-
-
100
µs
Tx Disable to reset
t_reset
10
-
-
µs
LOS Assert time
t_loss_on
-
-
100
µs
LOS De-assert time
t_loss_off
-
-
100
µs
Serial ID Clock Rate
f_serial_clock
-
-
100
KHz
RX_LOS Voltage (high)
-
2
-
-
V
RX_LOS Voltage (low)
-
-
-
0.8
V
LOS output voltage-Fault
VLOS fault
2
-
Vcc
V
LOS output voltage-Normal
VLOS normal
Vee
-
Vee + 0.5
V
MOD_DEF (0:2)-High
Vh
2
-
Vcc
V
MOD_DEF (0:2)-Low
VI
Vee
-
Vee + 0.5
V
Timing and Electrical
Parameter
Range
Accuracy
Unit
Calibration
Bit Value
Formula
Temperature(-CDx)
-5 to 70
±3
ºC
Internal
1/256 C
Tc(C) = Tad(16 bit signed twos complement)/256
Temperature(-RDx)
-20 to 85
±3
ºC
Internal
1/256 C
Tc(C) = Tad(16 bit signed twos complement)/256
Voltage
0 to Vcc
.1
V
Internal
100µV
V(Volts) = Vad(16 bit unsigned integer)*0.1
Bias Current
0 to 120
5
mA
External
-
I(mA) = Islope * Iad(16 bit unsigned integer)+Ioffset
Tx Power
-2 to 3
±3dB
dBm
External
-
Tx_PWR(µW) = Tx_PWRslope*Tx_PWRad(16 bit unsigned
integer)+Tx_PWRoffset
Rx Power
-32 to -9
±3dB
dBm
External
-
Rx_PWR(µW) = A0+A1*x+A2*x^2+A3*x^3+A4*x^4
Diagnostics
λ Wavelength Ordering
Code
λC
Unit
Code
λC
Unit
Code
λC
Unit
Code
λC
Unit
31
1310
nm
39
1390
nm
47
1470
nm
55
1550
nm
33
1330
nm
41
1410
nm
49
1490
nm
57
1570
nm
35
1350
nm
43
1430
nm
51
1510
nm
59
1590
nm
37
1370
nm
45
1450
nm
53
1530
nm
61
1610
nm
λc Wavelength Guide
SPC-48-LR-xxCDA
See table below for “XX” values


Similar Part No. - SPC-48-LR-59RDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-48-IR-31CDA SOURCE-SPC-48-IR-31CDA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
SPC-48-IR-31CNA SOURCE-SPC-48-IR-31CNA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
SPC-48-IR-31RDA SOURCE-SPC-48-IR-31RDA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
SPC-48-IR-31RNA SOURCE-SPC-48-IR-31RNA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
SPC-48-IR-33CDA SOURCE-SPC-48-IR-33CDA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
More results

Similar Description - SPC-48-LR-59RDA

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1621P1WCL FINISAR-FTRJ1621P1WCL Datasheet
674Kb / 11P
   OC-48 LR-2/STM L-16.2 Multirate Pluggable SFP Transceiver
FTLF1621P1CL FINISAR-FTLF1621P1CL Datasheet
700Kb / 12P
   OC-48 LR-2/STM L-16.2 RoHS Compliant Pluggable SFP Transceiver
FTLF1621P2WCL FINISAR-FTLF1621P2WCL Datasheet
617Kb / 11P
   OC-48 LR-2/STM L-16.2 RoHS Compliant Pluggable SFP Transceiver
FTLF1621P2WTL FINISAR-FTLF1621P2WTL Datasheet
873Kb / 11P
   OC-48 LR-2/STM L-16.2 RoHS Compliant Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SP-48-LR2-CDA SOURCE-SP-48-LR2-CDA Datasheet
533Kb / 6P
   OC-48 LR-1/STM16 L-16.2 SFP Transceiver
logo
OPLINK Communications I...
TRPA48L2MCWDM OPLINK-TRPA48L2MCWDM Datasheet
481Kb / 5P
   Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
logo
Finisar Corporation.
FTRJ1621SGCL FINISAR-FTRJ1621SGCL Datasheet
497Kb / 10P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTLF1621S1GCL FINISAR-FTLF1621S1GCL Datasheet
213Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTLF1621S1XCL FINISAR-FTLF1621S1XCL Datasheet
238Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
logo
OPLINK Communications I...
TRPA48E2ZXLMX OPLINK-TRPA48E2ZXLMX Datasheet
475Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com