Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-133A-DFB-RB-S Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # C-133A-DFB-RB-S
Description  CWDM Series Laser Diode Module (18 channel)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-133A-DFB-RB-S Datasheet(HTML) 1 Page - Source Photonics, Inc.

  C-133A-DFB-RB-S Datasheet HTML 1Page - Source Photonics, Inc. C-133A-DFB-RB-S Datasheet HTML 2Page - Source Photonics, Inc. C-133A-DFB-RB-S Datasheet HTML 3Page - Source Photonics, Inc. C-133A-DFB-RB-S Datasheet HTML 4Page - Source Photonics, Inc. C-133A-DFB-RB-S Datasheet HTML 5Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
C-XXXXX-DFB-XX-SXXXI/XXX-X-XX
CWDM Series Laser Diode Module (18 channel)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS891-OCT1905
rev. A.0
LUMINENTOIC.COM
Features
• Un-cooled laser diode with MQW structure
• High temperature operation without active cooling
• Hermetically sealed active component
• Built-in InGaAs monitor photodiode
• Complies with Bellcore TA-NWT-000983
• Single frequency operation with high SMSR
Packaging
• SC/LC TOSA
• FC/ST/SC receptacle package with 2-hole flange
• Fiber pigtailed with optional FC/ST/SC/MU/LC connector
Application
• Design for CWDM fiber optic networds
• RoHS Complant available
Parameter
Symbol
Rating
Unit
Fiber Output Power L/M/H/2
Pf
0.6(L)/1(M)/2(H)/2.6(2)
mW
LD Reverse Voltage
VRLD
2
V
PD Reverse Voltage
VRPD
10
V
PD Forward Current
IFPD
2.0
mA
Operating Temperature
Topr
0 ~ 70
ºC
Storage Temperature
Tstg
-40 ~ 85
ºC
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Threshold Current
Ith
-
-
20
mA
CW
Fiber Output Power
L
M
H
2
Pf
0.2
0.5
1
2
-
-
1.6
2.5
0.5
1.5
-
-
mW
CW,Ith+25mA, kink free
CW,Ith+30mA, kink free
Peak Wavelength
λ
n-2
n
n+2
nm
Note 3
n-3
n
n+3
Side mode Suppression
Sr
30
35
-
dB
CW, Pf =Pf (Min), 0~70ºC
Forward Voltage
V
F
-
1.2
1.5
V
CW, Pf =Pf (Min)
Rise/Fall Time
t
r / tf
-
-
0.3
ns
Ibias =Ith ,10~90%
Tracking Error
∆P
f/Pf
-1.5
-
1.5
dB
APC, 0~70ºC
PD Monitor Current
I
m
100
-
-
µA
CW, Pf =Pf (Min), VRPD=2V
PD Dark Current
Idark
-
-
0.1
µA
VRPD=5V
PD Capacitance
C
t
-
6
15
pF
VRPD=5V, f=1MHz
Optical Isolation
ΟΙ
30
-
-
dB
Tc=25ºC
20
-
-
0ºC<Tc<70ºC
Optical and Electrical Characteristics (Tc=25ºC)
(All optical data refer to a coupled 9/125µm S/M fiber)
Note: 1.Pin assignment can be customized.
2.Specifications subject to change without notice.
3.Selected wavelength is available for WDM application
*Peak wavelength n=1270;1290;1310;1330;1350;1370;1390;1410;1430;1450;1470;1490
;1510;1530;1550;1570;1590;1610


Similar Part No. - C-133A-DFB-RB-S

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-133-1250-FDFB-SLC2 SOURCE-C-133-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-133-1250-FDFB-SLC2-G5 SOURCE-C-133-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-133-1250-FDFB-SLC3 SOURCE-C-133-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-133-1250-FDFB-SLC3-G5 SOURCE-C-133-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-133-1250-FDFB-SLC4 SOURCE-C-133-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-133A-DFB-RB-S

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
   CWDM DFB Laser Module
1622 EMCORE-1622 Datasheet
635Kb / 6P
   1622 CWDM DFB Laser Module
logo
Source Photonics, Inc.
C-1470-DFB2.5-PD-SFC SOURCE-C-1470-DFB2.5-PD-SFC Datasheet
537Kb / 3P
   1470 nm Series 2.5 Gbps CWDM Laser Diode Modules
logo
List of Unclassifed Man...
HLDPM12-655 ETC1-HLDPM12-655 Datasheet
379Kb / 1P
   Laser Diode Module
logo
Roithner LaserTechnik G...
G081PU1600M ROITHNER-G081PU1600M_12 Datasheet
802Kb / 10P
   Laser Diode Module
G098PU1600M ROITHNER-G098PU1600M_12 Datasheet
832Kb / 10P
   Laser Diode Module
VLM650-03-LPA ROITHNER-VLM650-03-LPA Datasheet
106Kb / 2P
   Red diode laser module
VLM650-11-LPT ROITHNER-VLM650-11-LPT Datasheet
106Kb / 2P
   Red diode laser module
APCD-650-06-C2 ROITHNER-APCD-650-06-C2 Datasheet
133Kb / 2P
   Red diode laser module
APCD-780-06-C3 ROITHNER-APCD-780-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com