Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-GB-YX-53CNA Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SPC-GB-YX-53CNA
Description  60 km CWDM GbE SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-GB-YX-53CNA Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SPC-GB-YX-53CNA Datasheet HTML 1Page - Source Photonics, Inc. SPC-GB-YX-53CNA Datasheet HTML 2Page - Source Photonics, Inc. SPC-GB-YX-53CNA Datasheet HTML 3Page - Source Photonics, Inc. SPC-GB-YX-53CNA Datasheet HTML 4Page - Source Photonics, Inc. SPC-GB-YX-53CNA Datasheet HTML 5Page - Source Photonics, Inc. SPC-GB-YX-53CNA Datasheet HTML 6Page - Source Photonics, Inc. SPC-GB-YX-53CNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
60 km CWDM GbE SFP Transceiver
SPC-GB-YX-xx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1541-FEB2307
rev. A.1
LUMINENTOIC.COM
λ Wavelength Ordering
λc Wavelength Guide
SPC-GB-YX-xx
See table below for “XX” values
Parameter
Range
Accuracy Unit Calibration
Formula
Temperature(-CDx)
-5 to 70
± 3
º C
Internal
Tc(C)=Tad(16 bit signed twos complement)/256
Temperature(-TDx) -40 to 85
± 3
º C
Internal
Tc(C)=Tad(16 bit signed twos complement)/256
Voltage
0 to Vcc
0.1
V
Internal
V(Volts)=Vad(16 bit unsigned integer)*0.1
Bias Current
0 to 120
5
mA
External
I(mA)=Islope*Iad(16 bit unsigned integer)+Ioffset
TX Power
-2 to 3
±3
dBm
External
TX_PWR(µW)=TX_PWRslope*TX_PWRad(16 bit unsigned integer +TX_PWRoffset
RX Power
-24 to -3
±3
dBm
External
RX_PWR(µW)=A0+A1*x+A2*x^2+A3*x^3+A4*x^4
Diagnostics
Code
λC
Unit
Code
λC
Unit
Code
λC
Unit
Code
λC
Unit
31
1311
nm
39
1391
nm
47
1471
nm
55
1551
nm
33
1331
nm
41
1411
nm
49
1491
nm
57
1571
nm
35
1351
nm
43
1431
nm
51
1511
nm
59
1591
nm
37
1371
nm
45
1451
nm
53
1531
nm
61
1611
nm


Similar Part No. - SPC-GB-YX-53CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-GB-EZX-27CDA SOURCE-SPC-GB-EZX-27CDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27CNA SOURCE-SPC-GB-EZX-27CNA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27TDA SOURCE-SPC-GB-EZX-27TDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27TNA SOURCE-SPC-GB-EZX-27TNA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-29CDA SOURCE-SPC-GB-EZX-29CDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
More results

Similar Description - SPC-GB-YX-53CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-GB-XD-31CDA SOURCE-SPC-GB-XD-31CDA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
SPC-GB-ZX-31CDA SOURCE-SPC-GB-ZX-31CDA Datasheet
513Kb / 8P
   CWDM 80 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27CDA SOURCE-SPC-GB-EZX-27CDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SP-GB-YX-CDA SOURCE-SP-GB-YX-CDA Datasheet
489Kb / 7P
   60 Km Gigabit Ethernet SFP Transceiver
SPC-48-IR-31CDA SOURCE-SPC-48-IR-31CDA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
SP-GB-EX-CDA SOURCE-SP-GB-EX-CDA Datasheet
485Kb / 7P
   40km GbE SFP Transceiver
logo
Finisar Corporation.
FWLF15197D FINISAR-FWLF15197D Datasheet
676Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-47 FINISAR-FWDM-1519-7D-47 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
logo
Optoway Technology Inc
SPS-2371W-C470G OPTOWAY-SPS-2371W-C470G Datasheet
197Kb / 6P
   10.3 Gbps / 70 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-CXX0G OPTOWAY-SPS-2341W-CXX0G Datasheet
208Kb / 7P
   10.3 Gbps / 40 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com