Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-GB-EZX-41CNA Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SPC-GB-EZX-41CNA
Description  CWDM 120 Km Gigabit Ethernet SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-GB-EZX-41CNA Datasheet(HTML) 7 Page - Source Photonics, Inc.

  SPC-GB-EZX-41CNA Datasheet HTML 1Page - Source Photonics, Inc. SPC-GB-EZX-41CNA Datasheet HTML 2Page - Source Photonics, Inc. SPC-GB-EZX-41CNA Datasheet HTML 3Page - Source Photonics, Inc. SPC-GB-EZX-41CNA Datasheet HTML 4Page - Source Photonics, Inc. SPC-GB-EZX-41CNA Datasheet HTML 5Page - Source Photonics, Inc. SPC-GB-EZX-41CNA Datasheet HTML 6Page - Source Photonics, Inc. SPC-GB-EZX-41CNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
7
LUMINENTOIC.COM
CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-xx
Warnings:
Legal Notes:
LUMNDS1543-Mar0508
Rev A.2
Ordering Information
SPC - GB - EZX - xx
Temperature Diagnostic Revision
• Operating Temperature
C = Commercial temperature (-5 to 70ºC)
T = Industrial temperature (-40 to 85ºC)
• D = Digital Diagnostic (SFF-8472)
N = No Digital Diagnostic
• SPC = Small Form Pluggable CWDM
GB = 1.25 Gbps
EZX = IEEE 802.3ah Reach 120 km
• Design Revision
A = RoHS compliant
Part numbering Definition:
Available Options:
SPC-GB-EZX-xxCDA
SPC-GB-EZX-xxTDA
SPC-GB-EZX-xxCNA
SPC-GB-EZX-xxTNA
• xx = CWDM Wavelength


Similar Part No. - SPC-GB-EZX-41CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-GB-XD-31CDA SOURCE-SPC-GB-XD-31CDA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
SPC-GB-XD-31CNA SOURCE-SPC-GB-XD-31CNA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
SPC-GB-XD-31TDA SOURCE-SPC-GB-XD-31TDA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
SPC-GB-XD-31TNA SOURCE-SPC-GB-XD-31TNA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
SPC-GB-XD-33CDA SOURCE-SPC-GB-XD-33CDA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
More results

Similar Description - SPC-GB-EZX-41CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-GB-ZX-31CDA SOURCE-SPC-GB-ZX-31CDA Datasheet
513Kb / 8P
   CWDM 80 Km Gigabit Ethernet SFP Transceiver
SP-GB-EZX-CDA SOURCE-SP-GB-EZX-CDA Datasheet
478Kb / 7P
   120 km Gigabit Ethernet SFP Transceiver
SP-GB-XD-CDA SOURCE-SP-GB-XD-CDA Datasheet
475Kb / 7P
   50 Km Gigabit Ethernet SFP Transceiver
SP-GB-YX-CDA SOURCE-SP-GB-YX-CDA Datasheet
489Kb / 7P
   60 Km Gigabit Ethernet SFP Transceiver
SP-GB-ZX-CDA SOURCE-SP-GB-ZX-CDA Datasheet
531Kb / 7P
   80 km Gigabit Ethernet SFP Transceiver
SPC-GB-YX-31CDA SOURCE-SPC-GB-YX-31CDA Datasheet
538Kb / 7P
   60 km CWDM GbE SFP Transceiver
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
   Gigabit Ethernet CWDM SFP Transceivers
logo
Source Photonics, Inc.
SPC-GB-XD-31CDA SOURCE-SPC-GB-XD-31CDA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
logo
JDS Uniphase Corporatio...
JSH-01LWAA1 JDSU-JSH-01LWAA1 Datasheet
671Kb / 22P
   10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
logo
Source Photonics, Inc.
SP-GB-ELX-CNA SOURCE-SP-GB-ELX-CNA Datasheet
476Kb / 7P
   20Km Gigabit Ethernet SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com