Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-GB-YX-59CNA Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # SPC-GB-YX-59CNA
Description  60 km CWDM GbE SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-GB-YX-59CNA Datasheet(HTML) 5 Page - Source Photonics, Inc.

  SPC-GB-YX-59CNA Datasheet HTML 1Page - Source Photonics, Inc. SPC-GB-YX-59CNA Datasheet HTML 2Page - Source Photonics, Inc. SPC-GB-YX-59CNA Datasheet HTML 3Page - Source Photonics, Inc. SPC-GB-YX-59CNA Datasheet HTML 4Page - Source Photonics, Inc. SPC-GB-YX-59CNA Datasheet HTML 5Page - Source Photonics, Inc. SPC-GB-YX-59CNA Datasheet HTML 6Page - Source Photonics, Inc. SPC-GB-YX-59CNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
60 km CWDM GbE SFP Transceiver
SPC-GB-YX-xx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1541-FEB2307
rev. A.1
LUMINENTOIC.COM
Pin
Function
Notes
1
VeeT
TX GND
2
TX_FAULT
Open Collector
3
TX_DISABLE
Internally Pulled High
4
MOD_DEF2
Serial Data Input
5
MOD_DEF1
Serial Clock Input
6
MOD_DEF0
Internally Grounded
7
NC
Not Connected
8
LOS
Open Collector
9
VeeR
RX Ground
10
VeeR
RX Ground
11
VeeR
RX Ground
12
RXD-
RX Data Negative
13
RXD+
RX Data Positive
14
VeeR
RX GND
15
VccT,R*
Supply Voltage
16
VccT,R*
Supply Voltage
17
VeeT
TX GND
18
TXD+
TX Data Positive
19
TXD-
TX Data Negative
20
VeeT
TX GND
Outline Drawing
Units in mm(inch)
*denotes deviations from MSA standard


Similar Part No. - SPC-GB-YX-59CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-GB-EZX-27CDA SOURCE-SPC-GB-EZX-27CDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27CNA SOURCE-SPC-GB-EZX-27CNA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27TDA SOURCE-SPC-GB-EZX-27TDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27TNA SOURCE-SPC-GB-EZX-27TNA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-29CDA SOURCE-SPC-GB-EZX-29CDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
More results

Similar Description - SPC-GB-YX-59CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-GB-XD-31CDA SOURCE-SPC-GB-XD-31CDA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
SPC-GB-ZX-31CDA SOURCE-SPC-GB-ZX-31CDA Datasheet
513Kb / 8P
   CWDM 80 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27CDA SOURCE-SPC-GB-EZX-27CDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SP-GB-YX-CDA SOURCE-SP-GB-YX-CDA Datasheet
489Kb / 7P
   60 Km Gigabit Ethernet SFP Transceiver
SPC-48-IR-31CDA SOURCE-SPC-48-IR-31CDA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
SP-GB-EX-CDA SOURCE-SP-GB-EX-CDA Datasheet
485Kb / 7P
   40km GbE SFP Transceiver
logo
Finisar Corporation.
FWLF15197D FINISAR-FWLF15197D Datasheet
676Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-47 FINISAR-FWDM-1519-7D-47 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
logo
Optoway Technology Inc
SPS-2371W-C470G OPTOWAY-SPS-2371W-C470G Datasheet
197Kb / 6P
   10.3 Gbps / 70 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-CXX0G OPTOWAY-SPS-2341W-CXX0G Datasheet
208Kb / 7P
   10.3 Gbps / 40 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com