Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-11-622-R-M-O-GR Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # T-11-622-R-M-O-GR
Description  622Mbps PIN-TIA Receiver Modules (5V)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

T-11-622-R-M-O-GR Datasheet(HTML) 1 Page - Source Photonics, Inc.

  T-11-622-R-M-O-GR Datasheet HTML 1Page - Source Photonics, Inc. T-11-622-R-M-O-GR Datasheet HTML 2Page - Source Photonics, Inc. T-11-622-R-M-O-GR Datasheet HTML 3Page - Source Photonics, Inc. T-11-622-R-M-O-GR Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
622Mbps PIN-TIA Receiver Modules (5V)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1508-MAR0106
rev. A.1
LUMINENTOIC.COM
T-11-622-X-XXX-X-XX
Features
• InGaAs/InP PIN Photodiode with transimpedance amplifier
• High sensitivity with AGC*
• Differential ended output
• Single +5V operation
• -40~85ºC operating temperature
Packaging
• FC/ST/SC receptacle package
• SM/MM fiber pigtailed with optional FC/ST/SC/LC connector
Applcation
• 622Mbps SDH/SONET/ATM receivers
• RoHS Compliant available
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
6.5
V
Operating Temperature
Topr
-40 ~ +85
ºC
Storage Temperature
Tstg
-40 ~ +85
ºC
Absolute Maximum Ratings (Tc=25ºC)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Detection Range
λ
1100
1310
1650
nm
-
Gain@10Mbps Differential
G
6
7
-
V/mW
Measure differentially,AC
coupled,RL=50Ω
Bandwidth
BW
404
470
-
MHz
-
Saturation Power
Psat
-7
-6
-
dBm
BER<10-10@622Mbps, PRBS223-1
Er=10dB
Sensitivity
Sens.
-
-33
-30
dBm
BER<10-10@622Mbps, PRBS223-1
Er=10dB
Output Resistance
Rout
48
50
52
ohm
-
AC/Optical and Electrical Characteristics (Tc=25ºC)
(Operating at Vcc=5V,Tc=25ºC,λ=1310nm, 9/125µm SM & 50/125µm MM fiber)
Note: 1.Pin assignment can be customized.
2.Specifications subject to change without notice.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply
VCC
4.5
5
5.5
V
Differential Ouptput offset Voltage
Vd
-
260
450
mV
Supply Current (no load)
Icc
-
21
30
mA
DC Electrical Characteristics (Tc=25ºC)


Similar Part No. - T-11-622-R-M-O-GR

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
T-11-622-R-SFC SOURCE-T-11-622-R-SFC Datasheet
1Mb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
T-11-622-R-SSC SOURCE-T-11-622-R-SSC Datasheet
1Mb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
T-11-622-R-SSVT SOURCE-T-11-622-R-SSVT Datasheet
1Mb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
More results

Similar Description - T-11-622-R-M-O-GR

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
T-11-622-D-SSC SOURCE-T-11-622-D-SSC Datasheet
490Kb / 3P
   622Mbps PIN-TIA Receiver Modules-ROSA (5V)
T-11-622-R-SFC SOURCE-T-11-622-R-SFC Datasheet
1Mb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
T-11-622-D3-SSC SOURCE-T-11-622-D3-SSC Datasheet
522Kb / 3P
   622Mbps PIN-TIA Receiver Modules-ROSA (3.3V)
T-11-1250-P-SFC SOURCE-T-11-1250-P-SFC Datasheet
613Kb / 4P
   PIN-TIA Receiver Modules (5V)
T-11-622-R3-SFC SOURCE-T-11-622-R3-SFC Datasheet
527Kb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (3.3V)
T-11-2500-P-3-SSC-APC SOURCE-T-11-2500-P-3-SSC-APC Datasheet
337Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules (3.3V/5V)
T-11-155-D-SSC SOURCE-T-11-155-D-SSC Datasheet
625Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(5V)
T-11-1250-D-SSC SOURCE-T-11-1250-D-SSC Datasheet
387Kb / 3P
   1.25Gbps PIN-TIA Receiver Modules-ROSA (5V)
logo
List of Unclassifed Man...
T-11-155-D ETC2-T-11-155-D Datasheet
610Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(5V)
logo
Source Photonics, Inc.
T-11-2500-R-SFC SOURCE-T-11-2500-R-SFC Datasheet
1,020Kb / 4P
   2.5Gbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com