Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-53-FE-BD-TDA Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SPL-53-FE-BD-TDA
Description  SFP Bi-Directional Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-53-FE-BD-TDA Datasheet(HTML) 7 Page - Source Photonics, Inc.

  SPL-53-FE-BD-TDA Datasheet HTML 1Page - Source Photonics, Inc. SPL-53-FE-BD-TDA Datasheet HTML 2Page - Source Photonics, Inc. SPL-53-FE-BD-TDA Datasheet HTML 3Page - Source Photonics, Inc. SPL-53-FE-BD-TDA Datasheet HTML 4Page - Source Photonics, Inc. SPL-53-FE-BD-TDA Datasheet HTML 5Page - Source Photonics, Inc. SPL-53-FE-BD-TDA Datasheet HTML 6Page - Source Photonics, Inc. SPL-53-FE-BD-TDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
SFP Bi-Directional Transceiver
SPL-53-FE-BD
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
Warnings:
Legal Notes:
LUMNDS1574-Jan2307
Rev A.2
Ordering Information
S P L - 5 3 - F E - B D - Temperarure Diagnostic
Revision
• Wavelength
53 = Tx 1550nm/Rx 1310nm
• Data Rate
FE = Fast Ethernet (100Mbps)
• D = Digital Diagnostic (SFF-8472)
N = No Digital Diagnostic
• Revision
A = RoHS compliant
• Standard
BD = 40km reach
• Operating Temperarure
C = Commercial temperature (-5 to 70ºC)
T = Industrial temperature (-40 to 85ºC)
Available Options:
SPL-53-FE-BD-CDA
SPL-53-FE-BD-CNA
SPL-53-FE-BD-TDA
SPL-53-FE-BD-TNA
Part numbering Definition:
• SPL = LC connector


Similar Part No. - SPL-53-FE-BD-TDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-53-FE-BX-CDA SOURCE-SPL-53-FE-BX-CDA Datasheet
531Kb / 7P
   SFP Bi-Directional Transceiver
SPL-53-FE-BX-CNA SOURCE-SPL-53-FE-BX-CNA Datasheet
531Kb / 7P
   SFP Bi-Directional Transceiver
SPL-53-FE-BX-TDA SOURCE-SPL-53-FE-BX-TDA Datasheet
531Kb / 7P
   SFP Bi-Directional Transceiver
SPL-53-FE-BX-TNA SOURCE-SPL-53-FE-BX-TNA Datasheet
531Kb / 7P
   SFP Bi-Directional Transceiver
More results

Similar Description - SPL-53-FE-BD-TDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
SPS-43-GB-BX-CNA SOURCE-SPS-43-GB-BX-CNA Datasheet
671Kb / 9P
   SFP Bi-Directional Transceiver
SPL-34-GB-BX-CNA SOURCE-SPL-34-GB-BX-CNA Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-EBX-CNA SOURCE-SPL-53-GB-EBX-CNA Datasheet
625Kb / 7P
   SFP Bi-Directional Transceiver
SPL-45-FE-BZ-CDA SOURCE-SPL-45-FE-BZ-CDA Datasheet
625Kb / 7P
   SFP Bi-directional Transceiver
SPL-54-FE-BZ-CDA SOURCE-SPL-54-FE-BZ-CDA Datasheet
607Kb / 7P
   SFP Bi-Directional Transceiver
SPL-35-GB-EBX-CNA SOURCE-SPL-35-GB-EBX-CNA Datasheet
633Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com