Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-54-DR-LR2-CDA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPL-54-DR-LR2-CDA
Description  SFP Bi-Directional Transceiver Preliminary
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-54-DR-LR2-CDA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPL-54-DR-LR2-CDA Datasheet HTML 1Page - Source Photonics, Inc. SPL-54-DR-LR2-CDA Datasheet HTML 2Page - Source Photonics, Inc. SPL-54-DR-LR2-CDA Datasheet HTML 3Page - Source Photonics, Inc. SPL-54-DR-LR2-CDA Datasheet HTML 4Page - Source Photonics, Inc. SPL-54-DR-LR2-CDA Datasheet HTML 5Page - Source Photonics, Inc. SPL-54-DR-LR2-CDA Datasheet HTML 6Page - Source Photonics, Inc. SPL-54-DR-LR2-CDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFP Bi-Directional Transceiver
Preliminary
SPL-54-DR-LR2
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1691-Apr3007
Rev 0.1
LUMINENTOIC.COM
1
Features
• Compliant with OC-3/STM-1 and OC-12/STM-4 Standards
• Simplex LC connector
• Single 3.3 V supply
• 80 km reach
• 25 dB Minimum Link Budget
• 1570nm DFB Laser
• Commercial temperature available (-Cxx)
• Industrial temperature available (-Txx)
• SFP MSA SFF-8074i compliant
• Telcordia GR-468 compliant
• Digital Diagnostic SFF-8472 compliant
• Color coded bail latch: Orange
• RoHS compliant (lead free soldered)
Parameter
Symbol
Min.
Typical
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
Icc
-
-
300
mA
Power Supply Noise Rejectiona
PSR
100
-
-
mVp-p
Operating Temperature (-Cxx)
Top
-5
-
70
ºC
Operating Temperature (-Txx)
Top
-40
-
85
ºC
Storage Temperature
Tst
-40
-
85
ºC
Data Rate OC-3/STM-1
DR
-
155
-
Mbps
Data Rate OC-12/STM-4
DR
-
622
-
Mbps
Data Rate Fast Ethernet
DR
-
125
-
Mbps
a) 20Hz to 155MHz
General operating
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
POP
-3
-0.5
+2
dBm
Average Launch Power Of Off Tx
POff
-
-
-45
dBm
Extinction Ratio
ER
10
-
-
dB
Eye Mask
IEEE 802.3 and SONET/SDH Compliant
Optical Rise Timeb
tr
-
-
500
ps
Optical Fall Timeb
tf
-
500
ps
Mean Wavelength
λ
1560
-
1580
nm
Spectral Width (20dB)
∆λ
-
-
1
nm
Dispersion Penalty (at 80 Km)
-
0.5
1
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Optical Crosstalk
XT
-
-
-45
dB
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Reflectance Tolerance
rp
-24
-
-
dB
b) 20%-80% values
Transmitter Specifications


Similar Part No. - SPL-54-DR-LR2-CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-54-FE-BZ-CDA SOURCE-SPL-54-FE-BZ-CDA Datasheet
607Kb / 7P
   SFP Bi-Directional Transceiver
SPL-54-FE-BZ-CNA SOURCE-SPL-54-FE-BZ-CNA Datasheet
607Kb / 7P
   SFP Bi-Directional Transceiver
SPL-54-FE-BZ-TDA SOURCE-SPL-54-FE-BZ-TDA Datasheet
607Kb / 7P
   SFP Bi-Directional Transceiver
SPL-54-FE-BZ-TNA SOURCE-SPL-54-FE-BZ-TNA Datasheet
607Kb / 7P
   SFP Bi-Directional Transceiver
SPL-54-GB-BZ-CDA SOURCE-SPL-54-GB-BZ-CDA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
More results

Similar Description - SPL-54-DR-LR2-CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-53-DR-IR1-CDA SOURCE-SPL-53-DR-IR1-CDA Datasheet
522Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-54-MR-LR2-CDA SOURCE-SPL-54-MR-LR2-CDA Datasheet
495Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-35-DR-IR1-CDA SOURCE-SPL-35-DR-IR1-CDA Datasheet
530Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-45-MR-IR2-CDA SOURCE-SPL-45-MR-IR2-CDA Datasheet
511Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-45-DR-LR2-CDA SOURCE-SPL-45-DR-LR2-CDA Datasheet
513Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-53-MR-IR1-CDA SOURCE-SPL-53-MR-IR1-CDA Datasheet
484Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-35-DR-IR2-CDA SOURCE-SPL-35-DR-IR2-CDA Datasheet
530Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-45-MR-LR2-CDA SOURCE-SPL-45-MR-LR2-CDA Datasheet
511Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-53-DR-IR2-CDA SOURCE-SPL-53-DR-IR2-CDA Datasheet
522Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-35-MR-IR1-CDA SOURCE-SPL-35-MR-IR1-CDA Datasheet
515Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com