Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-12-LR-49CDA Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SPC-12-LR-49CDA
Description  622 Mbps CWDM SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-12-LR-49CDA Datasheet(HTML) 7 Page - Source Photonics, Inc.

  SPC-12-LR-49CDA Datasheet HTML 1Page - Source Photonics, Inc. SPC-12-LR-49CDA Datasheet HTML 2Page - Source Photonics, Inc. SPC-12-LR-49CDA Datasheet HTML 3Page - Source Photonics, Inc. SPC-12-LR-49CDA Datasheet HTML 4Page - Source Photonics, Inc. SPC-12-LR-49CDA Datasheet HTML 5Page - Source Photonics, Inc. SPC-12-LR-49CDA Datasheet HTML 6Page - Source Photonics, Inc. SPC-12-LR-49CDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
7
LUMINENTOIC.COM
622 Mbps CWDM SFP Transceiver
SPC-12-LR
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:
LUMNDS1926-Aug1108
Rev A.0
Part numbering Definition:
SPC - 12 - LR - xx Temperature Diagnostic Revision
• Operating Temperature
C = Commercial Temperature (-5 to 70ºC)
T = Industrial Temperature (-40 to 85ºC)
• D = Digital Diagnostic (SFF-8472)
Available Options:
SPC-12-LR-xxCDA
SPC-12-LR-xxTDA
• SPC = Small Form Pluggable CWDM
12 = OC12, 622 Mbps
LR = Long Reach 80 km
• Design Revision
A = RoHS compliant
• xx = 1xx1 nm center wavelength
47, 49, 51, 53, 55, 57, 59, 61
Ordering Information


Similar Part No. - SPC-12-LR-49CDA

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SPC-1204P MICRO-ELECTRONICS-SPC-1204P Datasheet
242Kb / 1P
   SMD POWER INDUCTORS
SPC-1204P-100 MICRO-ELECTRONICS-SPC-1204P-100 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS
SPC-1204P-101 MICRO-ELECTRONICS-SPC-1204P-101 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS
SPC-1204P-120 MICRO-ELECTRONICS-SPC-1204P-120 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS
SPC-1204P-121 MICRO-ELECTRONICS-SPC-1204P-121 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS
More results

Similar Description - SPC-12-LR-49CDA

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-53120-CXX0G OPTOWAY-SPS-53120-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160-CXX0G OPTOWAY-SPS-53160-CXX0G Datasheet
151Kb / 4P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380-CXX0G OPTOWAY-SPS-5380-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
SP-12-LR2-CNA SOURCE-SP-12-LR2-CNA Datasheet
472Kb / 7P
   622 Mbps SFP Transceiver
logo
Optoway Technology Inc
SPS-53160-CXX0G OPTOWAY-SPS-53160-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120-CXX0G OPTOWAY-SPS-53120-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380-CXX0G OPTOWAY-SPS-5380-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53200-CXX0G OPTOWAY-SPS-53200-CXX0G Datasheet
151Kb / 5P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
SP-12-IR1-CNA SOURCE-SP-12-IR1-CNA Datasheet
433Kb / 7P
   622 Mbps SFP Transceiver
SP-12-LR1-CNA SOURCE-SP-12-LR1-CNA Datasheet
476Kb / 7P
   622 Mbps SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com