Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-622C-F-SLC-G5 Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # C-13-622C-F-SLC-G5
Description  622 Mbps Single Mode SFF LC Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-622C-F-SLC-G5 Datasheet(HTML) 8 Page - Source Photonics, Inc.

  C-13-622C-F-SLC-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-622C-F-SLC-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-622C-F-SLC-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-622C-F-SLC-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-622C-F-SLC-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-622C-F-SLC-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-622C-F-SLC-G5 Datasheet HTML 7Page - Source Photonics, Inc. C-13-622C-F-SLC-G5 Datasheet HTML 8Page - Source Photonics, Inc. C-13-622C-F-SLC-G5 Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
622 Mbps Single Mode SFF LC Transceiver
C-13-622(C)-F-SLC(A)(-55)-G5
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1932-Aug0508
Rev A.0
LUMINENTOIC.COM
C - 13 - 622(C)
- F - S LC TxPower Temperature Range
-xx
-RoHS
• 13 = Wavelength 1310nm
• Communication protocol (622 Mbps)
622 = PECL Signal Detection Output
622C = TTL Signal Detection Output
• Connector options
• Tx Power range
Blank = -15 to -8 dBm
• F = +3.3V SFF Transceiver, FP
• Single mode fiber
• Temperature range
Blank = commercial temperature(0 to 70 ºC)
A = industrial temperature(-40 to 85 ºC)
Available Options :
C-13-622-F-SLC-G5
C-13-622C-F-SLC-G5
C-13-622-F-SLCA-G5
C-13-622C-F-SLCA-G5
Part numbering Definition:
Ordering Information
• -55 = lead soldered
Blank = lead free solderd
• Ordering Information
G5 = RoHS compliant
C-13-622-F-SLC-55-G5
C-13-622C-F-SLC-55-G5
C-13-622-F-SLCA-55-G5
C-13-622C-F-SLCA-55-G5


Similar Part No. - C-13-622C-F-SLC-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-622C-F-SLC SOURCE-C-13-622C-F-SLC Datasheet
651Kb / 8P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622C-F-SLC4 SOURCE-C-13-622C-F-SLC4 Datasheet
651Kb / 8P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622C-F-SLC4A SOURCE-C-13-622C-F-SLC4A Datasheet
651Kb / 8P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622C-F-SLCA SOURCE-C-13-622C-F-SLCA Datasheet
651Kb / 8P
   622 Mbps Single Mode SFF LC Transceiver
More results

Similar Description - C-13-622C-F-SLC-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-622-FDFB-SLC4A-G5 SOURCE-C-15-622-FDFB-SLC4A-G5 Datasheet
697Kb / 7P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622C-F-SLC SOURCE-C-13-622C-F-SLC Datasheet
651Kb / 8P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622-F-SLC SOURCE-C-13-622-F-SLC Datasheet
1Mb / 8P
   622 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-5140AG OPTOWAY-TRSL-5140AG Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5140G OPTOWAY-TRSL-5140G Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380-CXX0 OPTOWAY-TRSL-5380-CXX0 Datasheet
128Kb / 5P
   3.3V / CWDM / 622 Mbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380W-CXX0G OPTOWAY-TRSL-5380W-CXX0G Datasheet
160Kb / 5P
   3.3V / CWDM / 622 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5380-CXX0G OPTOWAY-TRSL-5380-CXX0G Datasheet
129Kb / 5P
   3.3V / CWDM / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com