Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT2245DBR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74BCT2245DBR
Description  OCTAL TRANSCEIVER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT2245DBR Datasheet(HTML) 1 Page - Texas Instruments

  SN74BCT2245DBR Datasheet HTML 1Page - Texas Instruments SN74BCT2245DBR Datasheet HTML 2Page - Texas Instruments SN74BCT2245DBR Datasheet HTML 3Page - Texas Instruments SN74BCT2245DBR Datasheet HTML 4Page - Texas Instruments SN74BCT2245DBR Datasheet HTML 5Page - Texas Instruments SN74BCT2245DBR Datasheet HTML 6Page - Texas Instruments SN74BCT2245DBR Datasheet HTML 7Page - Texas Instruments SN74BCT2245DBR Datasheet HTML 8Page - Texas Instruments SN74BCT2245DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74BCT2245
OCTAL TRANSCEIVER AND LINE/MOS DRIVER
WITH 3-STATE OUTPUTS
SCBS102C – FEBRUARY 1992 – REVISED MARCH 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Voltage Range of 4.5 V to 5.5 V
D State-of-the-Art BiCMOS Design
Significantly Reduces ICCZ
D B Port Has Equivalent 33-Ω Series
Resistors, So No External Resistors
Are Required
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
description/ordering information
The SN74BCT2245 octal transceiver and line/
MOS driver is designed for asynchronous
communication between data buses.
The device allows data transmission from the A bus to the B bus or from the B bus to the A bus, depending on
the logic level at the direction-control (DIR) input. The output-enable (OE) input can disable the devices so that
both buses are effectively isolated.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The B-port outputs, which are designed to source or sink up to 12 mA, include 33-
Ω series resistors to reduce
overshoot and undershoot.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74BCT2245N
SN74BCT2245N
SOIC
DW
Tube
SN74BCT2245DW
BCT2245
0
°C to 70°C
SOIC – DW
Tape and reel
SN74BCT2245DWR
BCT2245
SOP – NS
Tape and reel
SN74BCT2245NSR
BCT2245
SSOP – DB
Tape and reel
SN74BCT2245DBR
BA245
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OPERATION
OE
DIR
OPERATION
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
DB, DW, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74BCT2245DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2240 TI-SN74BCT2240 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2240 TI1-SN74BCT2240 Datasheet
252Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2240DB TI-SN74BCT2240DB Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2240DBLE TI1-SN74BCT2240DBLE Datasheet
252Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2240DBR TI1-SN74BCT2240DBR Datasheet
252Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT2245DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS2541 TI-SN74ALS2541 Datasheet
78Kb / 5P
[Old version datasheet]   OCTAL LINE DRIVER/MOS DRIVER WITH 3-STATE OUTPUTS
SN74BCT2241 TI-SN74BCT2241_07 Datasheet
369Kb / 12P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN74BCT2241 TI-SN74BCT2241 Datasheet
326Kb / 10P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2240 TI1-SN64BCT2240 Datasheet
88Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN74ALS2240 TI-SN74ALS2240 Datasheet
82Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2241 TI1-SN64BCT2241 Datasheet
87Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2244 TI1-SN64BCT2244 Datasheet
87Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN54ALS2540 TI-SN54ALS2540 Datasheet
135Kb / 5P
[Old version datasheet]   OCTAL LINE DRIVER/MOS DRIVEERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS541 FAIRCHILD-DM74ALS541 Datasheet
62Kb / 6P
   Octal Buffer and Line Driver with 3-STATE Outputs
logo
Texas Instruments
SN74HCT244-EP TI1-SN74HCT244-EP Datasheet
499Kb / 10P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com