Electronic Components Datasheet Search |
|
BL-S400C-11UEUG-30 Datasheet(PDF) 1 Page - BetLux Electronics |
|
BL-S400C-11UEUG-30 Datasheet(HTML) 1 Page - BetLux Electronics |
1 / 3 page LED NUMERIC DISPLAY, 1 DIGIT BL-S400X-11XX APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 1 of 3 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM ■ Features: Ø 101.60mm (4.0”) Single digit numeric display series, BI-COLOR TYPE Ø Low current operation. Ø Excellent character appearance. Ø Easy mounting on P.C. Boards or sockets. Ø I.C. Compatible. Ø ROHS Compliance. Electrical-optical characteristics: (Ta=25℃) (Test Condition: IF=20mA) Part No Chip VF Unit:V Common Cathode Common Anode Emitted Color Material λ P (nm) Typ Max Iv TYP.(mcd) Super Red AlGaInP 660 2.10 2.50 75 BL-S400C-11SG-XX BL-S400D-11SG-XX Green GaP/GaP 570 2.20 2.50 80 Orange GaAsP/Ga P 635 2.10 2.50 75 BL-S400C-11EG-XX BL-S400D-11EG-XX Green GaP/GaP 570 2.20 2.50 80 Ultra Red AlGaInP 660 2.10 2.50 132 BL-S400C-11DUG-X X BL-S400D-11DUG-X X Ultra Green AlGaInP 574 2.20 2.50 132 Ultra Orange AlGaInP 630 2.10 2.50 80 BL-S400C-11UEUG- XX BL-S400D-11UEUG- XX Ultra Green AlGaInP 574 2.20 2.50 132 n -XX: Surface / Lens color: Number 0 1 2 3 4 5 Ref Surface Color White Black Gray Red Green Epoxy Color Water clear White diffused Red Diffused Green Diffused Yellow Diffused n Absolute maximum ratings (Ta=25°C) Parameter S G E D UG UE U nit Forward Current IF 30 30 30 30 30 30 mA Power Dissipation Pd 75 80 80 75 75 65 mW Reverse Voltage VR 5 5 5 5 5 5 V Peak Forward Current IPF (Duty 1/10 @1KHZ) 150 150 150 150 150 150 mA Operation Temperature TOPR -40 to +80 ℃ Storage Temperature TSTG -40 to +85 ℃ Lead Soldering Temperature TSOL Max.260±5 ℃ for 3 sec Max. (1.6mm from the base of the epoxy bulb) ℃ |
Similar Part No. - BL-S400C-11UEUG-30 |
|
Similar Description - BL-S400C-11UEUG-30 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |