Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-SE1200A-11Y-43 Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-SE1200A-11Y-43
Description  LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-SE1200A-11Y-43 Datasheet(HTML) 1 Page - BetLux Electronics

  BL-SE1200A-11Y-43 Datasheet HTML 1Page - BetLux Electronics BL-SE1200A-11Y-43 Datasheet HTML 2Page - BetLux Electronics BL-SE1200A-11Y-43 Datasheet HTML 3Page - BetLux Electronics BL-SE1200A-11Y-43 Datasheet HTML 4Page - BetLux Electronics BL-SE1200A-11Y-43 Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.betlux.com
LED NUMERIC DISPLAY,
BIG SEGMENT DISPLAY
BL-SE1200X-11
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
312.0mm (12.0”) numeric segment series, BIG SEGMENT DISPLAY
Low current operation.
Excellent character appearance.
Easy mounting on P.C. Boards or sockets.
I.C. Compatible.
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25
) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitte
d Color
Material
λ
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-SE1200A-11S-XX
BL-SE1200B-11S-XX
Hi Red
GaAlAs/GaAs,SH
660
1.85
2.20
200
BL-SE1200A-11D-XX
BL-SE1200B-11D-XX
Super
Red
GaAlAs/GaAs,DH
660
1.85
2.20
225
BL-SE1200A-11UR-X
X
BL-SE1200B-11UR-X
X
Ultra
Red
GaAlAs/GaAs,DDH
660
1.85
2.20
250
BL-SE1200A-11E-XX
BL-SE1200B-11E-XX
Orange
GaAsP/GaP
635
2.10
2.50
200
BL-SE1200A-11Y-XX
BL-SE1200B-11Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
170
BL-SE1200A-11G-XX
BL-SE1200B-11G-XX
Green
GaP/GaP
570
2.20
2.50
210
Ultra Bright
Electrical-optical characteristics: (Ta=25
) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitted Color
Material
λλλλP
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-SE1200A-11UHR-
XX
BL-SE1200B-11UHR-
XX
Ultra Red
AlGaInP
645
2.10
2.50
250
BL-SE1200A-11UE-X
X
BL-SE1200B-11UE-X
X
Ultra Orange
AlGaInP
630
2.10
2.50
210
BL-SE1200A-11YO-X
X
BL-SE1200B-11YO-X
X
Ultra Amber
AlGaInP
619
2.10
2.50
210
BL-SE1200A-11UY-X
X
BL-SE1200B-11UY-X
X
Ultra Yellow
AlGaInP
590
2.10
2.50
210
BL-SE1200A-11UG-X
X
BL-SE1200B-11UG-X
X
Ultra Green
AlGaInP
574
2.20
2.50
225
BL-SE1200A-11PG-X
X
BL-SE1200B-11PG-X
X
Ultra Pure Green
InGaN
525
3.80
4.50
250
BL-SE1200A-11B-XX
BL-SE1200B-11B-XX
Ultra Blue
InGaN
470
2.70
4.20
230
BL-SE1200A-11W-X
BL-SE1200B-11W-X
Ultra White
InGaN
/
2.70
4.20
230


Similar Part No. - BL-SE1200A-11Y-43

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-SE1200A-11Y-XX BETLUX-BL-SE1200A-11Y-XX Datasheet
249Kb / 5P
   312.0mm (12.0) numeric segment series, BIG SEGMENT DISPLAY
More results

Similar Description - BL-SE1200A-11Y-43

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-SE1600A-11S BETLUX-BL-SE1600A-11S Datasheet
158Kb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SEC1200A BETLUX-BL-SEC1200A Datasheet
100Kb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE800A-11S BETLUX-BL-SE800A-11S Datasheet
152Kb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE1000A-11S BETLUX-BL-SE1000A-11S Datasheet
193Kb / 5P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE2000A BETLUX-BL-SE2000A Datasheet
4Mb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SEC1600A BETLUX-BL-SEC1600A Datasheet
104Kb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE500A-11S BETLUX-BL-SE500A-11S Datasheet
150Kb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SEC2000A BETLUX-BL-SEC2000A Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE500A BETLUX-BL-SE500A Datasheet
2Mb / 5P
   127.0mm (5.0) numeric segment series, BIG SEGMENT DISPLAY
BL-SE1000A BETLUX-BL-SE1000A Datasheet
942Kb / 5P
   254.0mm (10.0) numeric segment series, BIG SEGMENT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com