Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-811XC-L03DG Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # FTM-811XC-L03DG
Description  10G 850nm SFP Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-811XC-L03DG Datasheet(HTML) 4 Page - Source Photonics, Inc.

  FTM-811XC-L03DG Datasheet HTML 1Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 2Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 3Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 4Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 5Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 6Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 7Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 8Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
10G 850nm SFP+ Transceiver
Up to 300m transmission
Preliminary Datasheet
Nov. 30, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 4 of 13
Electrical Characteristics
Table 5 - Electrical Characteristics
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
High-speed Signal (CML) Interface Specification
Differential Data Input Amplitude
180
1200
mVpp
1
Input Differential Impedance
80
100
120
Differential Data Output Amplitude
300
850
mVpp
1
Output Differential Impedance
80
100
120
Low-speed Signal (LVTTL) Interface Specification
Input High Voltage
2.0
3.3
V
Input Low Voltage
GND
0.8
V
Output High Voltage
2.4
3.3
V
Output Low Voltage
GND
0.4
V
2 Wire Serial Interface (LVTTL) Specification
Clock Frequency
fSCL
100
KHz
Transmission Link Length
Table 6 – Transmission Link Length
Data Rate/Standard
Fiber Type
Modal Bandwidth @850 nm (MHz*Km)
Distance Range
62.5/125um MMF
160
2 to 26
62.5/125um MMF
200
2 to 33
50/125um MMF
400
2 to 66
50/125um MMF
500
2 to 82
10.3Gbps
50/125um MMF
2000
2 to 300
Notes:
Distances, shown in the Table are those specified for 10GBASE-SR/W, and for bandwidths not specified in this
standard, the distances are calculated for worst case fiber and transceiver characteristics based on the optical
and electrical specifications shown in this document using techniques utilized in IEEE 802.3-2005. In the
nominal case, longer distances are achievable.


Similar Part No. - FTM-811XC-L03DG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Source Photonics, Inc.
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
   155Mbps 850nm Spring-Latch SFP Transceiver
FTM-8012S-GG SOURCE-FTM-8012S-GG Datasheet
383Kb / 8P
   1.0625節?.25Gbps GBIC Transceiver
FTM-8025C-FBG SOURCE-FTM-8025C-FBG Datasheet
234Kb / 8P
   1~2.5Gbps 850nm SFF 2횞5 Transceiver
FTM-83X0C-X03G SOURCE-FTM-83X0C-X03G Datasheet
300Kb / 11P
   10G 850nm XFP Transceiver
More results

Similar Description - FTM-811XC-L03DG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-83X0C-X03G SOURCE-FTM-83X0C-X03G Datasheet
300Kb / 11P
   10G 850nm XFP Transceiver
logo
OPLINK Communications I...
TPP3XGDS0C000E2G OPLINK-TPP3XGDS0C000E2G Datasheet
461Kb / 6P
   850nm SFP Transceiver
TPP1XGDS0XG-0983 OPLINK-TPP1XGDS0XG-0983 Datasheet
265Kb / 6P
   850nm SFP Transceiver
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
ATGBICS by Approved Tec...
10G-SFP-SR-C ATGBICS-10G-SFP-SR-C Datasheet
375Kb / 10P
   10G-SFP-SR Myricom Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10G-USR-C ATGBICS-SFP-10G-USR-C Datasheet
375Kb / 10P
   SFP-10G-USR Huawei Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10G-SR-C ATGBICS-SFP-10G-SR-C Datasheet
364Kb / 10P
   SFP-10G-SR Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
logo
Source Photonics, Inc.
FTM-311XC-L10DG SOURCE-FTM-311XC-L10DG Datasheet
275Kb / 13P
   10G 1310nm SFP Transceiver
logo
Level One
XFP-5901 LVL1-XFP-5901 Datasheet
269Kb / 4P
   10G MMF XFP Transceiver 300m 850nm
logo
ATGBICS by Approved Tec...
SFP-10G-GE-SX-C ATGBICS-SFP-10G-GE-SX-C Datasheet
375Kb / 10P
   SFP-10G-GE-SX Huawei Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com