Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9512S-G10G Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # FTM-9512S-G10G
Description  1.25Gbps Single Fiber Bi-directional GBIC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9512S-G10G Datasheet(HTML) 6 Page - Source Photonics, Inc.

Back Button FTM-9512S-G10G Datasheet HTML 2Page - Source Photonics, Inc. FTM-9512S-G10G Datasheet HTML 3Page - Source Photonics, Inc. FTM-9512S-G10G Datasheet HTML 4Page - Source Photonics, Inc. FTM-9512S-G10G Datasheet HTML 5Page - Source Photonics, Inc. FTM-9512S-G10G Datasheet HTML 6Page - Source Photonics, Inc. FTM-9512S-G10G Datasheet HTML 7Page - Source Photonics, Inc. FTM-9512S-G10G Datasheet HTML 8Page - Source Photonics, Inc. FTM-9512S-G10G Datasheet HTML 9Page - Source Photonics, Inc. FTM-9512S-G10G Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
1.25gbps Single Fiber Bi-directional GBIC Transceiver
10~40km point-to-point transmission, RoHS compliant
Preliminary Data Sheet
March 17, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 6 of 10
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization Last printed 2006-6-6 13:36
FTM-9512S-G40G (1550nm DFB Tx/1310nm PIN Rx for OLT, 40km)
Table 7 –Optical and Electrical Characteristics
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter
Centre Wavelength
λC
1480
1550
1580
nm
Average Output Power
P0ut
-2
+3
dBm
1
P0ut@TX Disable Asserted
-45
dBm
Spectral Width (-20dB)
∆λ
1
nm
Extinction Ration
EX
9
dB
Rise/Fall Time (20%~80%)
tr /tf
0.26
ns
Total Jitter
TJ
345
ps
Output Optical Eye
IEEE 802.3z compliant
2
Data Input Swing Differential
VIN
650
2000
mV
3
Input Differential Impedance
ZIN
140
150
160
Disable
2.0
Vcc+0.3
V
TX Disable
Enable
0
0.8
V
Fault
Vcc-0.5
Vcc+0.3
V
TX Fault
Normal
0
0.5
V
Receiver
Centre Wavelength
λC
1260
1360
nm
Receiver Sensitivity
-23
dBm
4
Receiver Overload
0
dBm
4
Return Loss
12
dB
LOS De-Assert
LOSD
-24
dBm
LOS Assert
LOSA
-35
dBm
LOS Hysteresis
0.5
4.5
dB
Data Output Swing Differential
VOUT
370
2000
mV
5
High
Vcc-0.5
Vcc+0.3
V
LOS
Low
0
0.5
V
Note:
1.
The optical power is launched into SMF.
2.
Measured with a PRBS 2
7-1 test pattern @1.25Gbps.
3.
CML input, internally AC coupled and terminated.
4.
Worst-case Extinction Ration, measured with a PRBS 2
7–1 test pattern@1.25Gbps, BER≤1×10-12
5.
CML output, internally AC coupled.


Similar Part No. - FTM-9512S-G10G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9501C-SL20G SOURCE-FTM-9501C-SL20G Datasheet
343Kb / 11P
   155M Bi-directional SFP Transceiver
FTM-9501C-SL20iG SOURCE-FTM-9501C-SL20iG Datasheet
368Kb / 11P
   155M Bi-directional SFP Transceiver
FTM-9501S-S20iG SOURCE-FTM-9501S-S20iG Datasheet
291Kb / 10P
   155M Bi-directional SFP Transceiver
More results

Similar Description - FTM-9512S-G10G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL10G SOURCE-FTM-9612C-SL10G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL20G SOURCE-FTM-9612C-SL20G Datasheet
307Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-K15EG SOURCE-FTM-9612S-K15EG Datasheet
348Kb / 9P
   1.25Gbps Single Fiber Bi-directional SFF 2*10 Transceiver
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
   1.25Gbps SFP Bi-Directional Transceiver
logo
Source Photonics, Inc.
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-15-622-TDFB-SSC SOURCE-B-13-15-622-TDFB-SSC Datasheet
1Mb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com