Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-3012C-SLEG Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # FTM-3012C-SLEG
Description  1.25G Spring-Latch SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3012C-SLEG Datasheet(HTML) 3 Page - Source Photonics, Inc.

  FTM-3012C-SLEG Datasheet HTML 1Page - Source Photonics, Inc. FTM-3012C-SLEG Datasheet HTML 2Page - Source Photonics, Inc. FTM-3012C-SLEG Datasheet HTML 3Page - Source Photonics, Inc. FTM-3012C-SLEG Datasheet HTML 4Page - Source Photonics, Inc. FTM-3012C-SLEG Datasheet HTML 5Page - Source Photonics, Inc. FTM-3012C-SLEG Datasheet HTML 6Page - Source Photonics, Inc. FTM-3012C-SLEG Datasheet HTML 7Page - Source Photonics, Inc. FTM-3012C-SLEG Datasheet HTML 8Page - Source Photonics, Inc. FTM-3012C-SLEG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1.25G Spring-Latch SFP Transceiver
10~20km transmission, RoHS compliance
Feb. 12, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 3 of 3
FTM-3012C-SLG/ FTM-3012C-SLEG /FTM-3012C-SLiG (1310nm FP and PIN, 10km)
Table 4 - Optical and Electrical Characteristics
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter
Centre Wavelength
λC
1270
1310
1355
nm
Average Output Power
P0ut
-9.5
-3
dBm
1
P0ut@TX Disable Asserted
P0ut
-45
dBm
1
Spectral Width (RMS)
σ
2
4
nm
Extinction Ratio
EX
9
dB
Rise/Fall Time (20%~80%)
tr/tf
0.26
ns
2
1.25G
0.431
Total Jitter
1.0625G
TJ
0.43
UI
3
1.25G
0.2
Deterministic
Jitter
1.0625G
DJ
0.21
UI
3
Output Optical Eye
IEEE 802.3z and ANSI Fibre Channel Compatible
4
Data Input Swing Differential
VIN
500
2400
mV
5
Input Differential Impedance
ZIN
90
100
110
Disable
2.0
Vcc
V
TX Disable
Enable
0
0.8
V
Fault
2.0
Vcc+0.3
V
TX Fault
Normal
0
0.8
V
Receiver
Centre Wavelength
λC
1260
1310
1570
nm
Receiver Sensitivity
-20
dBm
6
Receiver Overload
-3
dBm
6
Return Loss
12
dB
LOS De-Assert
LOSD
-21
dBm
LOS Assert
LOSA
-35
dBm
LOS Hysteresis
1
4
dB
1.25G
0.749
Total Jitter
1.0625G
TJ
0.61
UI
3
1.25G
0.462
Deterministic
Jitter
1.0625G
DJ
0.36
UI
3
Data Output Swing Differential
VOUT
370
2000
mV
5
High
2.0
Vcc+0.3
V
LOS
Low
0
0.8
V
Notes:
1.
The optical power is launched into SMF.
2.
Unfiltered, measured with a PRBS 2
7-1 test pattern @1.25Gbps
3.
Meet the specified maximum output jitter requirements if the specified maximum input jitter is present.
4.
Measured with a PRBS 2
7-1 test pattern @1.25Gbps/1.0625Gbps.
5.
PECL logic, internally AC coupled.


Similar Part No. - FTM-3012C-SLEG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3012S-G20G SOURCE-FTM-3012S-G20G Datasheet
237Kb / 10P
   1.0625節?.25Gbps GBIC Transceiver
FTM-3012S-GG SOURCE-FTM-3012S-GG Datasheet
237Kb / 10P
   1.0625節?.25Gbps GBIC Transceiver
More results

Similar Description - FTM-3012C-SLEG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-5112C-SL30G SOURCE-FTM-5112C-SL30G Datasheet
275Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80G SOURCE-FTM-5112C-SL80G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
logo
List of Unclassifed Man...
MXP-243S ETC2-MXP-243S Datasheet
302Kb / 7P
   1.25G SFP Transceiver
logo
Source Photonics, Inc.
FTM-3112C-SLEG SOURCE-FTM-3112C-SLEG Datasheet
269Kb / 10P
   1.25Gbps Spring-latch SFP Transceiver
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com