Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB0703120MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PSB0703120MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PSB0703120MZF Datasheet(HTML) 2 Page - Superworld Electronics

  PSB0703120MZF Datasheet HTML 1Page - Superworld Electronics PSB0703120MZF Datasheet HTML 2Page - Superworld Electronics PSB0703120MZF Datasheet HTML 3Page - Superworld Electronics PSB0703120MZF Datasheet HTML 4Page - Superworld Electronics PSB0703120MZF Datasheet HTML 5Page - Superworld Electronics PSB0703120MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PSB0703 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
82.0±10%
PSB0703820KZF
18.0±15%
PSB0703180LZF
PSB0703270LZF
PSB0703330LZF
PSB0703220LZF
PSB0703470LZF
PSB0703680KZF
PSB0703560KZF
PSB0703390LZF
39.0±15%
47.0±15%
68.0±10%
56.0±10%
27.0±15%
33.0±15%
22.0±15%
PSB07032R2MZF
PSB07034R7MZF
PSB07036R8MZF
PSB07033R3MZF
PSB0703120MZF
PSB0703150LZF
PSB0703100MZF
6.8±20%
12.0±20%
15.0±15%
10.0±20%
3.3±20%
4.7±20%
2.2±20%
Part No.
PSB07031R0MZF
PSB07031R5MZF
Inductance
1.0±20%
1.5±20%
( µH )
0.50
490
130
1.05
270
0.75
390
0.65
430
0.60
310
0.70
190
0.95
210
0.85
150
1.00
60
1.60
85
1.30
110
1.10
80
1.40
2.20
40
45
2.00
35
2.50
RDC
( m )
Max.
20
25
3.20
2.80
IDC
( A )
Max.
PSB0703102KZF
1000.0±10%
PSB0703561KZF
PSB0703821KZF
PSB0703681KZF
820.0±10%
560.0±10%
680.0±10%
5600
1V / 100K
1V / 100K
1V / 100K
1V / 100K
4900
3700
4300
0.15
0.16
0.18
0.20
700
1V / 100K
PSB0703121KZF
120.0±10%
PSB0703271KZF
270.0±10%
PSB0703471KZF
PSB0703391KZF
PSB0703331KZF
470.0±10%
390.0±10%
330.0±10%
PSB0703221KZF
PSB0703181KZF
PSB0703151KZF
180.0±10%
220.0±10%
150.0±10%
1450
1V / 100K
1V / 100K
1V / 100K
1V / 100K
2250
2600
2000
1V / 100K
1V / 100K
1V / 100K
1100
1250
850
PSB0703101KZF
100.0±10%
1V / 100K
650
0.40
0.28
0.22
0.23
0.25
0.33
0.30
0.35
0.45
( Hz )
Frequency
Test


Similar Part No. - PSB0703120MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PSB0705 SUPERWORLD-PSB0705 Datasheet
472Kb / 6P
   SMD POWER INDUCTORS
PSB0705100MZF SUPERWORLD-PSB0705100MZF Datasheet
472Kb / 6P
   SMD POWER INDUCTORS
PSB0705101KZF SUPERWORLD-PSB0705101KZF Datasheet
472Kb / 6P
   SMD POWER INDUCTORS
PSB0705102KZF SUPERWORLD-PSB0705102KZF Datasheet
472Kb / 6P
   SMD POWER INDUCTORS
PSB0705120MZF SUPERWORLD-PSB0705120MZF Datasheet
472Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PSB0703120MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com