Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB1004150MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PSB1004150MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PSB1004150MZF Datasheet(HTML) 2 Page - Superworld Electronics

  PSB1004150MZF Datasheet HTML 1Page - Superworld Electronics PSB1004150MZF Datasheet HTML 2Page - Superworld Electronics PSB1004150MZF Datasheet HTML 3Page - Superworld Electronics PSB1004150MZF Datasheet HTML 4Page - Superworld Electronics PSB1004150MZF Datasheet HTML 5Page - Superworld Electronics PSB1004150MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PSB1004 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
PSB10043R9MZF
3.9±20%
27.0±15%
PSB1004270LZF
PSB1004330LZF
PSB1004390LZF
PSB1004560LZF
PSB1004820LZF
PSB1004680LZF
PSB1004470LZF
56.0±15%
82.0±15%
68.0±15%
33.0±15%
39.0±15%
47.0±15%
PSB10046R8MZF
PSB1004100MZF
PSB10044R7MZF
PSB1004150MZF
PSB1004220LZF
PSB1004180LZF
PSB1004120MZF
12.0±20%
15.0±20%
18.0±15%
22.0±15%
6.8±20%
10.0±20%
4.7±20%
Part No.
PSB10041R8MZF
PSB10042R7MZF
Inductance
1.8±20%
2.7±20%
( µH )
4.50
30
2.40
90
1.60
180
240
210
1.30
1.40
110
120
130
1.90
1.80
2.00
3.20
55
65
80
70
2.70
2.60
3.00
40
50
35
3.80
3.30
4.00
( A )
IDC
( m )
RDC
23
25
Max.
5.50
5.00
Max.
560.0±10%
PSB1004561KZF
1V / 100K
1600
0.50
PSB1004821KZF
PSB1004102KZF
PSB1004681KZF
820.0±10%
1000.0±10%
680.0±10%
1V / 100K
1V / 100K
1V / 100K
2060
2800
1800
0.40
0.38
0.45
340
120.0±10%
PSB1004121KZF
1V / 100K
PSB1004271KZF
270.0±10%
PSB1004391KZF
PSB1004471KZF
PSB1004331KZF
390.0±10%
470.0±10%
330.0±10%
PSB1004181KZF
PSB1004221KZF
PSB1004151KZF
180.0±10%
220.0±10%
150.0±10%
830
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1100
1250
990
1V / 100K
1V / 100K
1V / 100K
530
730
470
PSB1004101KZF
100.0±10%
1V / 100K
290
1.10
0.70
0.60
0.55
0.65
0.90
0.80
1.00
1.20
( Hz )
Frequency
Test


Similar Part No. - PSB1004150MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PSB1003 SUPERWORLD-PSB1003 Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1003100MZF SUPERWORLD-PSB1003100MZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1003101KZF SUPERWORLD-PSB1003101KZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1003102KZF SUPERWORLD-PSB1003102KZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1003120MZF SUPERWORLD-PSB1003120MZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PSB1004150MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com