Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-3001C-SL40G Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # FTM-3001C-SL40G
Description  155Mbps SFP Transceiver with Spring Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3001C-SL40G Datasheet(HTML) 6 Page - Source Photonics, Inc.

Back Button FTM-3001C-SL40G Datasheet HTML 2Page - Source Photonics, Inc. FTM-3001C-SL40G Datasheet HTML 3Page - Source Photonics, Inc. FTM-3001C-SL40G Datasheet HTML 4Page - Source Photonics, Inc. FTM-3001C-SL40G Datasheet HTML 5Page - Source Photonics, Inc. FTM-3001C-SL40G Datasheet HTML 6Page - Source Photonics, Inc. FTM-3001C-SL40G Datasheet HTML 7Page - Source Photonics, Inc. FTM-3001C-SL40G Datasheet HTML 8Page - Source Photonics, Inc. FTM-3001C-SL40G Datasheet HTML 9Page - Source Photonics, Inc. FTM-3001C-SL40G Datasheet HTML 10Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
155Mbps Spring Latch SFP Transceiver
15~80 km transmission
May 12, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 6 of 11
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 2006-05-15 10:28
EEPROM Information
The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver’s capabilities,
standard interfaces, manufacturer, and other information, which is accessible over a two-wire serial interface
at the 8-bit address 1010000X (A0h). For memory contents please refer to Table 7.
Table 7 - EEPROM Serial ID Memory Contents (A0h)
Addr.
Field Size
(Bytes)
Name of Field
Hex
Description
0
1
Identifier
03
SFP
1
1
Ext. Identifier 04
MOD4
2
1
Connector
07
LC
3—10
8
Transceiver
00 00 xx 00 00 00 00 00
OC 3, Single mode inter. or long reach
11
1
Encoding
03
NRZ
12
1
BR, nominal
01
155Mbps
13
1
Reserved
00
14
1
Length (9um)-km xx
15km/40km/80km(0F/28/50)
15
1
Length (9um) xx
15km/40km/80km(96/FF/FF)
16
1
Length (50um) 00
17
1
Length (62.5um) 00
18
1
Length (copper) 00
19
1
Reserved
00
20—35
16
Vendor name
46 49 42 45 52 58 4F 4E
20 49 4E 43 2E 20 20 20
“FIBERXON INC. “(ASCⅡ)
36
1
Reserved
00
37—39
3
Vendor OUI
00 00 00
40—55
16
Vendor PN
46 54 4D 2D xx 30 30 31
43 2D 53 4C xx xx xx 47
“FTM-x001C-SLxx(i)G” (ASCⅡ)
56—59
4
Vendor rev
xx xx 00 00
ASCⅡ( “31 30 00 00” means 1.0 revision)
60—62
3
Reserved
00 00 00
63
1
CC BASE
xx
Check sum of bytes 0 - 62
64—65
2
Options
00 1A
LOS, TX_FAULT and TX_DISABLE
66
1
BR, max
00
67
1
BR, min
00
68—83
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASCⅡ.
84—91
8
Vendor date codexx xx xx xx xx xx 20 20
Year (2 bytes, Month (2 bytes), Day (2 bytes)
92—94
3
Reserved
00 00 00
95
1
CC EXT
xx
Check sum of bytes 64 - 94
96—255
160
Vendor specific
Note: The “xx” byte should be filled in according to practical case. For more information, please refer to the
related document of SFP Multi-Source Agreement (MSA).


Similar Part No. - FTM-3001C-SL40G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3012C-SL20G SOURCE-FTM-3012C-SL20G Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLEG SOURCE-FTM-3012C-SLEG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLiG SOURCE-FTM-3012C-SLiG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012S-G20G SOURCE-FTM-3012S-G20G Datasheet
237Kb / 10P
   1.0625節?.25Gbps GBIC Transceiver
More results

Similar Description - FTM-3001C-SL40G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
   155Mbps 850nm Spring-Latch SFP Transceiver
FTM-3106C-SL15G SOURCE-FTM-3106C-SL15G Datasheet
435Kb / 13P
   622Mbps SFP Transceiver with Spring Latch
FTM-3106C-SL15IG SOURCE-FTM-3106C-SL15IG Datasheet
398Kb / 12P
   622Mbps SFP Transceiver with Spring Latch
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
FTM-3112C-SLEG SOURCE-FTM-3112C-SLEG Datasheet
269Kb / 10P
   1.25Gbps Spring-latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com