Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-3001C-SL40iG Datasheet(PDF) 9 Page - Source Photonics, Inc.

Part # FTM-3001C-SL40iG
Description  155Mbps SFP Transceiver with Spring Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3001C-SL40iG Datasheet(HTML) 9 Page - Source Photonics, Inc.

Back Button FTM-3001C-SL40iG Datasheet HTML 3Page - Source Photonics, Inc. FTM-3001C-SL40iG Datasheet HTML 4Page - Source Photonics, Inc. FTM-3001C-SL40iG Datasheet HTML 5Page - Source Photonics, Inc. FTM-3001C-SL40iG Datasheet HTML 6Page - Source Photonics, Inc. FTM-3001C-SL40iG Datasheet HTML 7Page - Source Photonics, Inc. FTM-3001C-SL40iG Datasheet HTML 8Page - Source Photonics, Inc. FTM-3001C-SL40iG Datasheet HTML 9Page - Source Photonics, Inc. FTM-3001C-SL40iG Datasheet HTML 10Page - Source Photonics, Inc. FTM-3001C-SL40iG Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
155Mbps Spring Latch SFP Transceiver
15~80 km transmission
May 12, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 9 of 11
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 2006-05-15 10:28
(>0.8V, <2.0V):
Undefined
High (2.0~3.465V):
Transmitter Disabled
Open:
Transmitter Disabled
3. MOD-DEF 0,1,2 are the module definition pins. They should be pulled up with a 4.7k~10k
Ω resistor on
the host board. The pull-up voltage shall be VccT or VccR.
MOD-DEF 0 grounded by the module indicates that the module is present
MOD-DEF 1 is the clock line of two-wire serial interface for serial ID
MOD-DEF 2 is the data line of two-wire serial interface for serial ID
4. LOS is an open collector output, which should be pulled up with a 4.7k~10k
Ω resistor on the host board to
a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
In the low state, the output will be pulled to less than 0.8V.
5. These are the differential receiver outputs. They are internally AC-coupled 100Ω differential lines which
should be terminated with 100Ω (differential) at the user SERDES.
6. These are the differential transmitter inputs. They are AC-coupled, differential lines with 100Ω differential
termination inside the module.
Mechanical Design Diagram
The mechanical design diagram is shown in Figure 4.
55.7± 0.1
41.8± 0.15
45.0± 0.2
34.6± 0.1
LABEL
Tx
6.25± 0.05
Rx
Figure 4, Mechanical Design Diagram of the SFP with Spring-Latch
Ordering information


Similar Part No. - FTM-3001C-SL40iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3012C-SL20G SOURCE-FTM-3012C-SL20G Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLEG SOURCE-FTM-3012C-SLEG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLiG SOURCE-FTM-3012C-SLiG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012S-G20G SOURCE-FTM-3012S-G20G Datasheet
237Kb / 10P
   1.0625節?.25Gbps GBIC Transceiver
More results

Similar Description - FTM-3001C-SL40iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
   155Mbps 850nm Spring-Latch SFP Transceiver
FTM-3106C-SL15G SOURCE-FTM-3106C-SL15G Datasheet
435Kb / 13P
   622Mbps SFP Transceiver with Spring Latch
FTM-3106C-SL15IG SOURCE-FTM-3106C-SL15IG Datasheet
398Kb / 12P
   622Mbps SFP Transceiver with Spring Latch
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
FTM-3112C-SLEG SOURCE-FTM-3112C-SLEG Datasheet
269Kb / 10P
   1.25Gbps Spring-latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com