Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-33X0C-X10G Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # FTM-33X0C-X10G
Description  10Gbps 1310nm XFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-33X0C-X10G Datasheet(HTML) 7 Page - Source Photonics, Inc.

Back Button FTM-33X0C-X10G Datasheet HTML 3Page - Source Photonics, Inc. FTM-33X0C-X10G Datasheet HTML 4Page - Source Photonics, Inc. FTM-33X0C-X10G Datasheet HTML 5Page - Source Photonics, Inc. FTM-33X0C-X10G Datasheet HTML 6Page - Source Photonics, Inc. FTM-33X0C-X10G Datasheet HTML 7Page - Source Photonics, Inc. FTM-33X0C-X10G Datasheet HTML 8Page - Source Photonics, Inc. FTM-33X0C-X10G Datasheet HTML 9Page - Source Photonics, Inc. FTM-33X0C-X10G Datasheet HTML 10Page - Source Photonics, Inc. FTM-33X0C-X10G Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
10Gbps 1310nm XFP Transceiver
Up to 10 km transmission
Nov. 1, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 7 of 7
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 2006-11-1 20:04
Recommended Host Board Power Supply Circuit
Figure 2 shows the recommended host board power supply circuit.
Figure 2, Recommended Host Board Power Supply Circuit
Recommended Interface Circuit
Figure 3 shows the recommended interface circuit.
XFP Module
RX_LOS
INTERRUPT
RD +
RD -
TD +
TD -
Z=50
Z=50
Z=50
Z=50
100
4.7K to 10K
GND
Host Board
SerDat Out +
SerDat Out -
SerDat In +
SerDat In -
CML
CML
100
Vcc (+3.3V)
CML
CML
100 Ω
REFCLKP
REFCLKN
SDA
SCL
MOD_NR
Vcc (+3.3V)
10K Ω
MOD_DeSel
TX_DIS
P_Down/RST
MOD_abs
Figure 3, Recommended Interface Circuit


Similar Part No. - FTM-33X0C-X10G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-33X1C-X10G SOURCE-FTM-33X1C-X10G Datasheet
283Kb / 11P
   10G 1310nm XFP Transceiver
More results

Similar Description - FTM-33X0C-X10G

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KSXA-007ZA MITSUBISHI-MF-10KSXA-007ZA Datasheet
188Kb / 15P
   10Gbps 1310nm XFP Optical Transceiver
MF-10KSXA-008ZA MITSUBISHI-MF-10KSXA-008ZA Datasheet
321Kb / 16P
   10Gbps 1550nm XFP Optical Transceiver
logo
Source Photonics, Inc.
FTM-33X1C-X10G SOURCE-FTM-33X1C-X10G Datasheet
283Kb / 11P
   10G 1310nm XFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_13 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
logo
Level One
XFP-5211 LVL1-XFP-5211 Datasheet
268Kb / 4P
   10G SMF XFP Transceiver 10km 1310nm
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-720XPDZ AVAGO-AFBR-720XPDZ Datasheet
523Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_15 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
logo
Optoway Technology Inc
XPS-2340W-CXX0G OPTOWAY-XPS-2340W-CXX0G Datasheet
240Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2341MW-CXX0G OPTOWAY-XPS-2341MW-CXX0G Datasheet
240Kb / 9P
   10Gbps Multirate / 40 km / CWDM XFP Single-Mode Optical Transceiver
XPS-2310W-CXX0G OPTOWAY-XPS-2310W-CXX0G Datasheet
295Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com