Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-33X0C-X10iG Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # FTM-33X0C-X10iG
Description  10Gbps 1310nm XFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-33X0C-X10iG Datasheet(HTML) 6 Page - Source Photonics, Inc.

Back Button FTM-33X0C-X10iG Datasheet HTML 2Page - Source Photonics, Inc. FTM-33X0C-X10iG Datasheet HTML 3Page - Source Photonics, Inc. FTM-33X0C-X10iG Datasheet HTML 4Page - Source Photonics, Inc. FTM-33X0C-X10iG Datasheet HTML 5Page - Source Photonics, Inc. FTM-33X0C-X10iG Datasheet HTML 6Page - Source Photonics, Inc. FTM-33X0C-X10iG Datasheet HTML 7Page - Source Photonics, Inc. FTM-33X0C-X10iG Datasheet HTML 8Page - Source Photonics, Inc. FTM-33X0C-X10iG Datasheet HTML 9Page - Source Photonics, Inc. FTM-33X0C-X10iG Datasheet HTML 10Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
10Gbps 1310nm XFP Transceiver
Up to 10 km transmission
Nov. 1, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 6 of 6
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 2006-11-1 20:04
Table 7 - Serial ID Memory Contents (Table 01h)
Addr.
Field
Size
(Bytes)
Name of Field
Hex
Description
128
1
Identifier
06
XFP
129
1
Ext. Identifier
50
TX Ref Clock Input not Required
130
1
Connector
07
LC Connector
131-138
8
Transceiver
44 00 00 00 00 00 00 00
10GBASE-LR/W
139
1
Encoding
10
NRZ
140
1
BR-Min
63
9.953Gbps
141
1
BR-Max
6F
11.1Gbps
142
1
Length (9um)-km
0A
10km
143
1
Length (E-50um)
00
144
1
Length (50um)
00
145
1
Length (62.5um)
00
146
1
Length (copper)
00
147
1
Device Tech
60
1310nm EML, PIN Detector
148-163
16
Vendor name
46 49 42 45 52 58 4F 4E
20 49 4E 43 2E 20 20 20
“FIBERXON INC. “(ASCⅡ)
164
1
CDR Support
F8
CDR supports 9.953Gbps~11.1Gbps
165-167
3
Vendor OUI
00 00 00
168-183
16
Vendor PN
46 54 4D 2D 33 33 58 30
43 2D 58 31 30 47 20 20
“FTM-33X0C-X10G” (ASC )
184-185
2
Vendor rev
xx xx
ASC (
“32 61” means 2a revision)
186-187
2
Wavelength
66 58
1310nm
188-189
2
Wavelength Tolerance25 1C
+/- 47.5nm
190
1
Max Case Temp
xx
“46” is 70degC, “55” is 85degC
191
1
CC_BASE
Check sum of bytes 128 - 190
192-195
4
Power Supply
7D 96 45 00
2.5W (max), 1.5W (max, power down mode),
200mA(max, +5.0V), 500mA (max, +3.3V)
196-211
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASC .
212-219
8
Vendor date code xx xx xx xx xx xx 20 20 Year (2 bytes), Month (2 bytes), Day (2 bytes)
220
1
Diagnostic type
08
No BER Support, Average Power
221
1
Enhanced option
60
Optional Soft Tx_Disable and P_Down
222
1
Aux Monitoring
67
+5.0V and +3.3V Supply Voltage
223
1
CC EXT
xx
Check sum of bytes 192 - 222
224-255
32
Vendor specific
Reserved By Vendor


Similar Part No. - FTM-33X0C-X10iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-33X1C-X10G SOURCE-FTM-33X1C-X10G Datasheet
283Kb / 11P
   10G 1310nm XFP Transceiver
More results

Similar Description - FTM-33X0C-X10iG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KSXA-007ZA MITSUBISHI-MF-10KSXA-007ZA Datasheet
188Kb / 15P
   10Gbps 1310nm XFP Optical Transceiver
MF-10KSXA-008ZA MITSUBISHI-MF-10KSXA-008ZA Datasheet
321Kb / 16P
   10Gbps 1550nm XFP Optical Transceiver
logo
Source Photonics, Inc.
FTM-33X1C-X10G SOURCE-FTM-33X1C-X10G Datasheet
283Kb / 11P
   10G 1310nm XFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_13 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
logo
Level One
XFP-5211 LVL1-XFP-5211 Datasheet
268Kb / 4P
   10G SMF XFP Transceiver 10km 1310nm
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-720XPDZ AVAGO-AFBR-720XPDZ Datasheet
523Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_15 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
logo
Optoway Technology Inc
XPS-2340W-CXX0G OPTOWAY-XPS-2340W-CXX0G Datasheet
240Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2341MW-CXX0G OPTOWAY-XPS-2341MW-CXX0G Datasheet
240Kb / 9P
   10Gbps Multirate / 40 km / CWDM XFP Single-Mode Optical Transceiver
XPS-2310W-CXX0G OPTOWAY-XPS-2310W-CXX0G Datasheet
295Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com