Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDC1207 Datasheet(PDF) 1 Page - Superworld Electronics

Part # SDC1207
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDC1207 Datasheet(HTML) 1 Page - Superworld Electronics

  SDC1207 Datasheet HTML 1Page - Superworld Electronics SDC1207 Datasheet HTML 2Page - Superworld Electronics SDC1207 Datasheet HTML 3Page - Superworld Electronics SDC1207 Datasheet HTML 4Page - Superworld Electronics SDC1207 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S D C 1 2 0 7 - 1 R 2 Y F
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 1R2 = 1.2uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
B
4. GENERAL SPECIFICATION :
SUPERWORLD ELECTRONICS (S) PTE LTD
3. SCHEMATIC :
(d) Tolerance code : M = ±20%, Y = ±30%
(e) F : Lead Free
c) Rated current : Base on temp. rise & L/L0A = 30% Max.
b) Ambient temp. : 25°C
a) Temp. rise : 40°C Max.
SDC1207 SERIES
SMD POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
12.05.2008
PCB Pattern
8.0 Max.
CD
5.0±0.2
12.0±0.3
12.0±0.3
7.0 Ref.
EG
7.6±0.2
Unit:m/m
12.6 Ref.
L
H
5.4 Ref.
220
A
C
D
L
G
d) Operating temp. : -25°C to +85°C
e) Storage temp. : -25°C to +85°C
Clip Termination


Similar Part No. - SDC1207

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDC1207-100MF SUPERWORLD-SDC1207-100MF Datasheet
202Kb / 4P
   SMD POWER INDUCTORS
SDC1207-101MF SUPERWORLD-SDC1207-101MF Datasheet
202Kb / 4P
   SMD POWER INDUCTORS
SDC1207-102MF SUPERWORLD-SDC1207-102MF Datasheet
202Kb / 4P
   SMD POWER INDUCTORS
SDC1207-120MF SUPERWORLD-SDC1207-120MF Datasheet
202Kb / 4P
   SMD POWER INDUCTORS
SDC1207-121MF SUPERWORLD-SDC1207-121MF Datasheet
202Kb / 4P
   SMD POWER INDUCTORS
More results

Similar Description - SDC1207

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com