Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT3245ADB Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74CBT3245ADB
Description  OCTAL FET BUS SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3245ADB Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74CBT3245ADB Datasheet HTML 5Page - Texas Instruments SN74CBT3245ADB Datasheet HTML 6Page - Texas Instruments SN74CBT3245ADB Datasheet HTML 7Page - Texas Instruments SN74CBT3245ADB Datasheet HTML 8Page - Texas Instruments SN74CBT3245ADB Datasheet HTML 9Page - Texas Instruments SN74CBT3245ADB Datasheet HTML 10Page - Texas Instruments SN74CBT3245ADB Datasheet HTML 11Page - Texas Instruments SN74CBT3245ADB Datasheet HTML 12Page - Texas Instruments SN74CBT3245ADB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - SN74CBT3245ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3245ADBLE TI-SN74CBT3245ADBLE Datasheet
850Kb / 20P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245ADBQR TI-SN74CBT3245ADBQR Datasheet
850Kb / 20P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245ADBQRE4 TI-SN74CBT3245ADBQRE4 Datasheet
850Kb / 20P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245ADBQRG4 TI-SN74CBT3245ADBQRG4 Datasheet
850Kb / 20P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245ADBR TI-SN74CBT3245ADBR Datasheet
850Kb / 20P
[Old version datasheet]   OCTAL FET BUS SWITCH
More results

Similar Description - SN74CBT3245ADB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CBT3244 RENESAS-HD74CBT3244 Datasheet
213Kb / 11P
   Octal FET Bus Switch
logo
Texas Instruments
SN74CBT3244 TI1-SN74CBT3244_15 Datasheet
1Mb / 31P
[Old version datasheet]   Octal FET Bus Switch
logo
Renesas Technology Corp
HD74CBT3245A RENESAS-HD74CBT3245A Datasheet
215Kb / 12P
   Octal FET Bus Switch
logo
Texas Instruments
SN74CBT3244DBR TI1-SN74CBT3244DBR Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245A TI-SN74CBT3245A_10 Datasheet
850Kb / 20P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3244 TI-SN74CBT3244 Datasheet
64Kb / 4P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245 TI-SN74CBTLV3245 Datasheet
79Kb / 6P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A Datasheet
367Kb / 11P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com