Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9712P-K20 Datasheet(PDF) 9 Page - Source Photonics, Inc.

Part # FTM-9712P-K20
Description  2횞5/2횞10 SFF GEPON OLT Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9712P-K20 Datasheet(HTML) 9 Page - Source Photonics, Inc.

Back Button FTM-9712P-K20 Datasheet HTML 5Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 6Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 7Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 8Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 9Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 10Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 11Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 12Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 13Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
2× 5/2×10 SFF GEPON OLT Transceiver
FTM-9712P(T)-F(K)20(G)
20km transmission
Preliminary Data Sheet
Mar. 20, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Doc No: DS3513000-1d
Page 9 of 13
No Pin
17
NC
No Function Definition
Not Connected
No Pin
18
LAS_nFAIL
Laser Failure Alarm Indication
5
No Pin
19
DEBUG PORT#1
Reserved For Module Debugging
No Pin
20
DEBUG PORT#2
Reserved For Module Debugging
6
F
MS
Mounting Studs
7
Note 1: LVTTL logic output, with internal 1K
Ω pull-up resistor.
Optical Signal-Detected: High; Optical Signal Loss: Low
Note 2: LVPECL logic output, DC coupled internally (See Recommended Interface Circuit)
Note 3: LVTTL logic input, with internal 1K
Ω pull-up resistor.
Transmitter Disabled: High; Transmitter Enabled: Low
Note 4: LVPECL logic input, AC coupled with internal termination (See Recommended Interface Circuit)
Note 5: TTL logic output, pulled up by a 4.7-10K
Ω resistor on the host board.
Laser Normal State: High; Laser Failure State: Low
Note 6: Reserved for module tuning and compulsive for system application that any circuit doesn’t be connected to
them.
Note 7: The mounting studs are provided for transceiver mechanical attachment to circuit board. They may also
provide an optional connection of the transceiver to the equipment chassis ground. The holes in the circuit
board must be tied to chassis ground. It is not recommended that the mounting studs be connected to
signal ground.
Mechanical Design Outline
The form factor is 2×5/2×10 SFF with pigtail fiber. The pigtail fiber has a length of 520 - 550mm and 30mm
minimum bending radius. The fiber connector type is SC/UPC. The mechanical design diagram is shown in Figure
7 and 8. (Dimension in mm)
Label
4x1.778
(=7.112)
1.778
49.0± 0.1
10- 0.50
-0.05
0
520~550
4.81± 0.05
Figure 7 FTM-9712P(T)-F20(G) Mechanical Design Outline


Similar Part No. - FTM-9712P-K20

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9712S-SL20 SOURCE-FTM-9712S-SL20 Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
FTM-9712S-SL20E SOURCE-FTM-9712S-SL20E Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
FTM-9712S-SL20EG SOURCE-FTM-9712S-SL20EG Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
FTM-9712S-SL20G SOURCE-FTM-9712S-SL20G Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
More results

Similar Description - FTM-9712P-K20

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412P-F10 SOURCE-FTM-9412P-F10 Datasheet
300Kb / 11P
   2x5 SFF GEPON ONU Transceiver
FTM-9412P-F20FG SOURCE-FTM-9412P-F20FG Datasheet
316Kb / 12P
   SFF GEPON PX20 ONU Transceiver
FTM-8025C-FBG SOURCE-FTM-8025C-FBG Datasheet
234Kb / 8P
   1~2.5Gbps 850nm SFF 2횞5 Transceiver
FTM-9723P-KGHG SOURCE-FTM-9723P-KGHG Datasheet
467Kb / 16P
   2x10 SFF G-PON OLT Transceiver
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F20G SOURCE-FTM-9412S-F20G Datasheet
847Kb / 11P
   2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Hitachi Semiconductor
HTR6545 HITACHI-HTR6545 Datasheet
284Kb / 10P
   SFF TRANSCEIVER
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
   GPON OLT Class B Pigtailed RoHS Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com