Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9712S-SL20G Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # FTM-9712S-SL20G
Description  SC Receptacle SFP GE-PON OLT Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9712S-SL20G Datasheet(HTML) 3 Page - Source Photonics, Inc.

  FTM-9712S-SL20G Datasheet HTML 1Page - Source Photonics, Inc. FTM-9712S-SL20G Datasheet HTML 2Page - Source Photonics, Inc. FTM-9712S-SL20G Datasheet HTML 3Page - Source Photonics, Inc. FTM-9712S-SL20G Datasheet HTML 4Page - Source Photonics, Inc. FTM-9712S-SL20G Datasheet HTML 5Page - Source Photonics, Inc. FTM-9712S-SL20G Datasheet HTML 6Page - Source Photonics, Inc. FTM-9712S-SL20G Datasheet HTML 7Page - Source Photonics, Inc. FTM-9712S-SL20G Datasheet HTML 8Page - Source Photonics, Inc. FTM-9712S-SL20G Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SC Receptacle SFP with Spring-latch GE-PON OLT Transceiver
FTM-9712S-SL20(E)(G)
20km transmission with Monitoring Function
Preliminary Data Sheet
Apr.28, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Doc No: DS3513009-1c
Page 3 of 15
Recommended Operating Conditions
Table 3 - Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Power Supply Voltage
VCC
3.13
3.3
3.47
V
3.3V±5%
0
70
FTM-9712S-SL20(G)
Operating Ambient Temperature
(Note 1)
TOPR
-40
75
°C
FTM-9712S-SL20E(G)
Operating Humidity Range
HOPR
5
95
%
Data Rate
1.25
Gbit/s
Data Rate Drift
-100
+100
PPM
Note 1: When ambient temperature is above 60°C, airflow at rate higher than 1m/sec is required
Optical and Electrical Characteristics
Table 4 - Transmitter Optical and Electrical Characteristics
FTM-9712S-SL20(G)
0°C <TOPR<70°C and 3.13V<VCC<3.47V
FTM-9712S-SL20E(G)
-40°C <TOPR<75°C and 3.13V<VCC<3.47V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Optical Center Wavelength
λC
1480
1500
nm
Optical Spectrum Width (-20dB)
∆λ
1
nm
Side Mode Suppression Ratio
SMSR
30
dB
Average Launch Power (BOL)
+3
+7
dBm
Average Launch Power (EOL)
POUT
+2
+7
dBm
Average Launch Power-OFF Transmitter
POFF
-39
dBm
1
Extinction Ratio
ER
9
dB
Total Jitter
TJ
0.43
UI
2
Rise/Fall Time (20%-80%)
TR/TF
260
ps
2,3
RIN15OMA
-115
dB/Hz
Optical Return Loss Tolerance
12
dB
Transmitter Reflectance
-10
dB
Transmitter and dispersion Penalty
TDP
2.3
dB
4
Transmitter Eye Diagram
Compliant With IEEE Std 802.3ah™-2004
2,5
Data Input Differential Swing
VIN
200
1600
mVP-P
6
Input Differential Impedance
ZIN
90
100
110
Power Supply Current
ICC_TX
180
mA
Transmitter Disable Voltage - Low
VTDIS, L
0
0.8
V
Transmitter Disable Voltage - High
VTDIS, H
2.0
Vcc
V
7
Transmitter Fault Indication Voltage - Low
VTFI, L
0
0.4
V
Transmitter Fault Indication Voltage - High
VTFI, H
2.4
Vcc
V
8
Note 1: Launched into 9/125um SMF.
Note 2: Measured with PRBS 2
7-1 test pattern @1.25Gbps.
Note 3: Measured with the Bessel-Thompson filter OFF.


Similar Part No. - FTM-9712S-SL20G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9712P-F20 SOURCE-FTM-9712P-F20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-F20G SOURCE-FTM-9712P-F20G Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-K20 SOURCE-FTM-9712P-K20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-K20G SOURCE-FTM-9712P-K20G Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712T-F20 SOURCE-FTM-9712T-F20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
More results

Similar Description - FTM-9712S-SL20G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9723P-KGHG SOURCE-FTM-9723P-KGHG Datasheet
467Kb / 16P
   2x10 SFF G-PON OLT Transceiver
logo
Vitesse Semiconductor C...
VSC7718 VITESSE-VSC7718 Datasheet
475Kb / 2P
   GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset
logo
Source Photonics, Inc.
FTM-9412P-F20 SOURCE-FTM-9412P-F20 Datasheet
290Kb / 11P
   SFF GE-PON PX20 ONU Transceiver
logo
ATGBICS by Approved Tec...
ONS-SC-GE-LX-C ATGBICS-ONS-SC-GE-LX-C Datasheet
322Kb / 9P
   ONS-SC-GE-LX Cisco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
ONS-SC-GE-SX-C ATGBICS-ONS-SC-GE-SX-C Datasheet
294Kb / 8P
   ONS-SC-GE-SX Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
AVAGO TECHNOLOGIES LIMI...
BT-2442CS AVAGO-BT-2442CS Datasheet
169Kb / 1P
   10G E-PON Asymmetrical OLT Tri-direction OSA
logo
Optoway Technology Inc
LT-74H73H-PG OPTOWAY-LT-74H73H-PG Datasheet
122Kb / 5P
   3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
logo
Source Photonics, Inc.
FTM-9412S-F10 SOURCE-FTM-9412S-F10 Datasheet
810Kb / 11P
   2x5 SFF GE-PON ONU Diplexer
logo
Level One
GEU-0521 LVL1-GEU-0521 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
logo
Source Photonics, Inc.
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com