Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9712T-K20 Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # FTM-9712T-K20
Description  2횞5/2횞10 SFF GEPON OLT Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9712T-K20 Datasheet(HTML) 4 Page - Source Photonics, Inc.

  FTM-9712T-K20 Datasheet HTML 1Page - Source Photonics, Inc. FTM-9712T-K20 Datasheet HTML 2Page - Source Photonics, Inc. FTM-9712T-K20 Datasheet HTML 3Page - Source Photonics, Inc. FTM-9712T-K20 Datasheet HTML 4Page - Source Photonics, Inc. FTM-9712T-K20 Datasheet HTML 5Page - Source Photonics, Inc. FTM-9712T-K20 Datasheet HTML 6Page - Source Photonics, Inc. FTM-9712T-K20 Datasheet HTML 7Page - Source Photonics, Inc. FTM-9712T-K20 Datasheet HTML 8Page - Source Photonics, Inc. FTM-9712T-K20 Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2× 5/2×10 SFF GEPON OLT Transceiver
FTM-9712P(T)-F(K)20(G)
20km transmission
Preliminary Data Sheet
Mar. 20, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Doc No: DS3513000-1d
Page 4 of 13
Note 7: TX_DIS (See Pin Function Definitions)
Note 8: LAS_nFAIL, for FTM-9712P(T)-K20(G) (See Pin Function Definitions)
Table 5 - Receiver Optical and Electrical Characteristics (0°C <TOPR<70°C and 3.13V<VCC<3.47V)
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Operating Wavelength
1260
1360
nm
Sensitivity
PSEN
-30
dBm
Saturation
PSAT
-6
dBm
1
Receiver Threshold Settling Time
TSETTLING
250
ns
1,2
Dynamic Range
-30
-6
dBm
1,3
Signal-Detected Assert Level
PSDA
-31
dBm
4
Signal-Detected Deassert Level
PSDD
-45
dBm
5
Signal-Detected Hysteresis
PSDA- PSDD
0.5
6
dBm
Receiver Reflectance
-12
dB
Power Supply Current
ICC_RX
120
mA
Data Output Voltage - Low
VOL-VCC
-1.81
-1.62
V
Data Output Voltage - High
VOH-VCC
-1.02
-0.88
V
Data Output Differential Swing
VOUT
400
1600
mV
6
Signal-Detected Voltage - Low
VSD, L
0
0.4
V
Signal-Detected Voltage - High
VSD, H
2.4
VCC
V
7
Signal-Detected Assert Time
TASS
1.2
µs
Signal-Detected Deassert Time
TDAS
0.5
µs
Note 1: Measured with a PRBS 2
7-1 test pattern @1.25Gbit/s and ER=10dB, BER =10-12.
Note 2: See Figure 1,2. For multiple ONUs application, It isn’t easy to test TSETTLING directly, but there is a
relationship TSETTLING = TGAP-TGUARD when TON=TOFF, then TSETTLING can be calculated by TGAP and a certain
guard time at ONU side.
Note 3: See Figure 3. TGAP be less than 250ns is guaranteed.
Note 4: An increase in optical power above the specified level will cause Signal-Detected (SD) output to switch
from a low state to a high state.
Note 5: A decrease in optical power below the specified level will cause Signal-Detected (SD) output to switch from
a high state to a low state.
Note 6: LVPECL output, DC coupled internally, guaranteed in the full range of input optical power (-6dBm to
-31dBm) (See Recommended Interface Circuit)
Note 7: SD (See Pin Function Definitions)


Similar Part No. - FTM-9712T-K20

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9712S-SL20 SOURCE-FTM-9712S-SL20 Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
FTM-9712S-SL20E SOURCE-FTM-9712S-SL20E Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
FTM-9712S-SL20EG SOURCE-FTM-9712S-SL20EG Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
FTM-9712S-SL20G SOURCE-FTM-9712S-SL20G Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
More results

Similar Description - FTM-9712T-K20

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412P-F10 SOURCE-FTM-9412P-F10 Datasheet
300Kb / 11P
   2x5 SFF GEPON ONU Transceiver
FTM-9412P-F20FG SOURCE-FTM-9412P-F20FG Datasheet
316Kb / 12P
   SFF GEPON PX20 ONU Transceiver
FTM-8025C-FBG SOURCE-FTM-8025C-FBG Datasheet
234Kb / 8P
   1~2.5Gbps 850nm SFF 2횞5 Transceiver
FTM-9723P-KGHG SOURCE-FTM-9723P-KGHG Datasheet
467Kb / 16P
   2x10 SFF G-PON OLT Transceiver
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F20G SOURCE-FTM-9412S-F20G Datasheet
847Kb / 11P
   2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Hitachi Semiconductor
HTR6545 HITACHI-HTR6545 Datasheet
284Kb / 10P
   SFF TRANSCEIVER
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
   GPON OLT Class B Pigtailed RoHS Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com