Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9823T-CGHG Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # FTM-9823T-CGHG
Description  GPON ONT Triplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9823T-CGHG Datasheet(HTML) 2 Page - Source Photonics, Inc.

  FTM-9823T-CGHG Datasheet HTML 1Page - Source Photonics, Inc. FTM-9823T-CGHG Datasheet HTML 2Page - Source Photonics, Inc. FTM-9823T-CGHG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9823T-CGHG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9823T-CGHG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9823T-CGHG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9823T-CGHG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9823T-CGHG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9823T-CGHG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
20-PIN Compact Package GPON ONT Triplexer
FTM-9823T-CGH(i)(G)
Class B
+ attenuation range: 13-28dB
Preliminary Data Sheet
May 14. 2007
Document Confidential Level: In public
Template ver. 1e
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 2 of 18
Regulatory Compliance
The transceivers have been tested according to American and European product safety and electromagnetic
compatibility regulations (See Table 1). For further information regarding regulatory certification, please refer to
Flexon
TM regulatory specification and safety guidelines, or contact with Fiberxon, Inc. America sales office listed at
the end of documentation.
Table 1 - Regulatory Compliance
Feature
Standard
Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883E
Method 3015.7
Class
(>500 V)
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
EN55022 Class B (CISPR 22B)
VCCI Class B
Compliant with standards
Immunity
IEC 61000-4-3
Compliant with standards
Laser Eye Safety
FDA 21CFR 1040.10 and 1040.11
EN60950, EN (IEC) 60825-1,2
Compliant with Class I laser product
Component Recognition
UL and CSA
Compliant with standards
Flammability
UL60950
UL 94 V-0
Absolute Maximum Ratings
Absolute Maximum Ratings are those values, beyond which, some damages may occur to the devices. Exposure to
conditions above the Absolute Maximum Ratings listed in Table 2 may negatively impact the reliability of the
products.
Table 2 - Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Note
Storage Ambient Temperature
TSTG
-40
85
°C
TOPR
0
70
°C
FTM-9823T-CGH(G)
Operating Temperature
TOPR
-40
85
°C
FTM-9823T-CGHi(G)
Operating Humidity (Non Condensing)
HOPR
10
90
%
VCC
0
4
V
Digital Transceiver
Power Supply Voltage
VDD_12V
0
15
Analog Part
Input Voltage
GND
VCC
V
Digital Transceiver
Digital Receiver Damaged Threshold
+4
dBm
1
CATV Receiver Damaged Threshold
+3
dBm
Soldering Temperature
260/10
°C/s
Bending Radius
30
mm
Pigtail Fiber Contact Temperature
85
°C
Note 1: When the optical power is great than -3dBm, the APD protection function will works, and the APD power
supply will be cut off. Three way to make the APD work again: 1) Rewrite the APD protection Flag in EEPROM. 2)
Rest the Microcontroller with software or hardware way. 3) Turn off ONT, and then turn it on again.


Similar Part No. - FTM-9823T-CGHG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
FTM-9812T-C10G SOURCE-FTM-9812T-C10G Datasheet
301Kb / 12P
   GEPON ONU Triplexer
More results

Similar Description - FTM-9823T-CGHG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9423P-FGHG SOURCE-FTM-9423P-FGHG Datasheet
350Kb / 17P
   SFF GPON ONT Diplexer
logo
Maxim Integrated Produc...
MAX3886 MAXIM-MAX3886 Datasheet
302Kb / 17P
   Multirate CDR with Integrated Serializer/Deserializer for GPON and BPON ONT Applications
Rev 0; 12/07
logo
Mini-Circuits
TPLX-F2700 MINI-TPLX-F2700 Datasheet
593Kb / 4P
   Triplexer
logo
Finisar Corporation.
FTGN2117P2XXN FINISAR-FTGN2117P2XXN Datasheet
225Kb / 8P
   GPON Stick (GPON SFP ONU)
logo
Mini-Circuits
TPLX-E2485 MINI-TPLX-E2485 Datasheet
612Kb / 4P
   Triplexer
ZTPL-4620 MINI-ZTPL-4620 Datasheet
487Kb / 4P
   Triplexer
logo
Source Photonics, Inc.
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
logo
Pulse A Technitrol Comp...
C6224NL PULSE-C6224NL Datasheet
136Kb / 2P
   TRIPLEXER FILTER MODULE
logo
TDK Electronics
TPX205950MT-7004A1 TDK-TPX205950MT-7004A1 Datasheet
95Kb / 8P
   Multilayer Triplexer
logo
Source Photonics, Inc.
OTP-345V1-PE-1250-SCA-SD SOURCE-OTP-345V1-PE-1250-SCA-SD Datasheet
385Kb / 4P
   FSAN High Power Triplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com