Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9823T-CGHi Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # FTM-9823T-CGHi
Description  GPON ONT Triplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9823T-CGHi Datasheet(HTML) 3 Page - Source Photonics, Inc.

  FTM-9823T-CGHi Datasheet HTML 1Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 2Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 3Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 4Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 5Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 6Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 7Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 8Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
20-PIN Compact Package GPON ONT Triplexer
FTM-9823T-CGH(i)(G)
Class B
+ attenuation range: 13-28dB
Preliminary Data Sheet
May 14. 2007
Document Confidential Level: In public
Template ver. 1e
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 3 of 18
Recommended Operating Conditions
Table 3 - Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
VCC
3.13
3.47
V
3.3V±5%
Power Supply Voltage
VDD_12V
11.4
12.6
V
12V±5%
0
70
°C
FTM-9823T-CGH(G)
Operating Case Temperature
1
TC
-40
85
°C
FTM-9823T-CGHi(G)
Data Rate (Upstream/Downstream)
1244.16/2488.32
Mbit/s
Consecutive Identical Digital Immunity
72
Bit
CATV Receiver Bandwidth
46
870
MHz
Note 1: Refer to Figure 4 for the temperature test point
Optical and Electrical Characteristics
Table 4 - Transmitter Optical and Electrical Characteristics
FTM-9823T-CGH(G)
(0°C <TC<70°C and 3.13V<VCC<3.47V)
FTM-9823T-CGHi(G)
(-40°C <TC<85°C and 3.13V<VCC<3.47V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Optical Center Wavelength
λC
1260
1360
nm
Optical Spectrum Width (-20dB)
∆λ
1
nm
Side Mode Suppression Ratio
SMSR
30
Mode 0
0.5
2
+5
dBm
Mode 1
-2.5
+2
dBm
Average Launch Power
Mode 2
POUT
-5.5
0
dBm
1
Average Launch Power-OFF Transmitter
POFF
-45
dBm
2
Extinction Ratio
ER
10
dB
3
Burst Turn On Time
TON
12.8
ns
Burst Turn Off Time
TOFF
12.8
ns
4
Transmitter Reflectance
-10
dB
Tolerance to Transmitter Incident Light Power
-15
dB
Optical Path Penalty
0.5
dB
Optical Eye Diagram
Compliant With ITU-T G984.2
3,5
Data Input Differential Swing
VIN
200
1600
mV
Data Common-Mode Input Voltage
VCM
Vcc-1.49
Vcc-1.32
Vcc-VIN/4
V
Input Differential Impedance
ZIN
90
100
110
6
Power Supply Current
ICC_TX
300
mA
Note 1: Power Levelling Mechanism is optional.
Note 2: Launched into 9/125um Single Mode Fiber.
Note 3: Measured with PRBS 2
23-1 plus 72bits CID test pattern @1244.16Mbit/s and the Bessel-Thompson filter is
turned on.
Note 4: Refer to Timing Parameter Definition in Burst Mode Sequence.
Note 5: Transmitter eye mask definition is shown as below.


Similar Part No. - FTM-9823T-CGHi

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
FTM-9812T-C10G SOURCE-FTM-9812T-C10G Datasheet
301Kb / 12P
   GEPON ONU Triplexer
More results

Similar Description - FTM-9823T-CGHi

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9423P-FGHG SOURCE-FTM-9423P-FGHG Datasheet
350Kb / 17P
   SFF GPON ONT Diplexer
logo
Maxim Integrated Produc...
MAX3886 MAXIM-MAX3886 Datasheet
302Kb / 17P
   Multirate CDR with Integrated Serializer/Deserializer for GPON and BPON ONT Applications
Rev 0; 12/07
logo
Mini-Circuits
TPLX-F2700 MINI-TPLX-F2700 Datasheet
593Kb / 4P
   Triplexer
logo
Finisar Corporation.
FTGN2117P2XXN FINISAR-FTGN2117P2XXN Datasheet
225Kb / 8P
   GPON Stick (GPON SFP ONU)
logo
Mini-Circuits
TPLX-E2485 MINI-TPLX-E2485 Datasheet
612Kb / 4P
   Triplexer
ZTPL-4620 MINI-ZTPL-4620 Datasheet
487Kb / 4P
   Triplexer
logo
Source Photonics, Inc.
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
logo
Pulse A Technitrol Comp...
C6224NL PULSE-C6224NL Datasheet
136Kb / 2P
   TRIPLEXER FILTER MODULE
logo
TDK Electronics
TPX205950MT-7004A1 TDK-TPX205950MT-7004A1 Datasheet
95Kb / 8P
   Multilayer Triplexer
logo
Source Photonics, Inc.
OTP-345V1-PE-1250-SCA-SD SOURCE-OTP-345V1-PE-1250-SCA-SD Datasheet
385Kb / 4P
   FSAN High Power Triplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com