Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9912C-SL20iG Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # FTM-9912C-SL20iG
Description  1.25Gbps Single Fiber Bi-directional SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9912C-SL20iG Datasheet(HTML) 5 Page - Source Photonics, Inc.

  FTM-9912C-SL20iG Datasheet HTML 1Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 2Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1.25Gbps Single Fiber Bi-directional SFP Transceiver
20km point-to-point transmission
`
Jun 12, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 5 of 11
LOS Hysteresis
0.5
4
dB
Receiver Reflectance
-12
dB
Single Ended Data Output Swing
VOUT
200
800
mV
5
High
2.0
Vcc+0.3
V
LOS
Low
0
0.8
V
Note:
1.
The optical power is launched into SMF.
2.
Measured with a PRBS 2
7-1 test pattern @1.25Gbps.
3.
Internally AC coupled and terminated.
4.
Measured with a PRBS 2
7–1 test pattern@1.25Gbps, BER≤1×10-12
5.
Internally AC coupled.
EEPROM Information
The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver’s capabilities,
standard interfaces, manufacturer, and other information, which is accessible over a 2 wire serial interface at
the 8-bit address 1010000X (A0h). For the memory contents, Please refer to Table 6.
Table 6 - EEPROM Serial ID Memory Contents (A0h)
Addr.
Field Size
(Bytes)
Name of Field
Hex
Description
0
1
Identifier
03
SFP
1
1
Ext. Identifier 04
MOD4
2
1
Connector
07
LC
3—10
8
Transceiver
00 00 00 40 00 00 00 00
Transmitter Code
11
1
Encoding
01
8B10B
12
1
BR, nominal
0D
1.25Gbps
13
1
Reserved
00
14
1
Length (9um)-km 14
20km
15
1
Length (9um) C8
16
1
Length (50um) 00
17
1
Length (62.5um) 00
18
1
Length (copper) 00
19
1
Reserved
00
20—35
16
Vendor name
46 49 42 45 52 58 4F 4E
20 49 4E 43 2E 20 20 20
“FIBERXON INC. “(ASCⅡ)
36
1
Reserved
00
37—39
3
Vendor OUI
00 00 00
40—55
16
Vendor PN
46 54 4D 2D 39 xx 31 32
43 2D 53 4C 32 30 xx 47
“FTM-9x12C-SL20xG ” (ASCⅡ)
56—59
4
Vendor rev
xx xx xx xx
ASC (
“31 30 20 20” means 1.0 revision)
60-61
2
Wavelength
05 1E/05 D2
1310/1490nm
62
1
Reserved
00


Similar Part No. - FTM-9912C-SL20iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9912C-SL10G SOURCE-FTM-9912C-SL10G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9912C-SL10iG SOURCE-FTM-9912C-SL10iG Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
More results

Similar Description - FTM-9912C-SL20iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL10G SOURCE-FTM-9612C-SL10G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
   1.25Gbps SFP Bi-Directional Transceiver
logo
Source Photonics, Inc.
FTM-9312S-G10G SOURCE-FTM-9312S-G10G Datasheet
287Kb / 10P
   1.25Gbps Single Fiber Bi-directional GBIC Transceiver
FTM-9612S-K15EG SOURCE-FTM-9612S-K15EG Datasheet
348Kb / 9P
   1.25Gbps Single Fiber Bi-directional SFF 2*10 Transceiver
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com