Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9912C-SL10G Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # FTM-9912C-SL10G
Description  1.25Gbps Single Fiber Bi-directional SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9912C-SL10G Datasheet(HTML) 4 Page - Source Photonics, Inc.

  FTM-9912C-SL10G Datasheet HTML 1Page - Source Photonics, Inc. FTM-9912C-SL10G Datasheet HTML 2Page - Source Photonics, Inc. FTM-9912C-SL10G Datasheet HTML 3Page - Source Photonics, Inc. FTM-9912C-SL10G Datasheet HTML 4Page - Source Photonics, Inc. FTM-9912C-SL10G Datasheet HTML 5Page - Source Photonics, Inc. FTM-9912C-SL10G Datasheet HTML 6Page - Source Photonics, Inc. FTM-9912C-SL10G Datasheet HTML 7Page - Source Photonics, Inc. FTM-9912C-SL10G Datasheet HTML 8Page - Source Photonics, Inc. FTM-9912C-SL10G Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1.25Gbps Single Fiber Bi-directional SFP Transceiver
10km point-to-point transmission
`
Jun.12, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 4 of 11
Receiver Overload
-3
dBm
4
LOS De-Assert
LOSD
-20
dBm
LOS Assert
LOSA
-35
dBm
LOS Hysteresis
0.5
4
dB
Receiver Reflectance
-12
dB
Single ended Data Output Swing
VOUT
200
800
mV
5
High
2
Vcc+0.3
V
LOS
Low
0
0.8
V
1. The optical power is launched into SMF.
2. Measured with a PRBS 2
7-1 test pattern @1.25Gbps.
3. Single ended input, internally AC coupled and terminated.
4. Measured with a PRBS 2
7 –1 test pattern@1.25Gbps, BER≤1×10-12.
5. Single ended output, internally AC coupled.
FTM-9912C-SL10G/ FTM-9912C-SL10iG (1490nm DFB Tx/1310nm PIN Rx for OLT, 10km)
Table 5 –Optical and Electrical Characteristics (Over operation temperature, VCC=3.13 to 3.47V)
Parameter
Symbol
Min.
Typical
Max.
Unit
Note
Transmitter
Centre Wavelength
λC
1480
1490
1500
nm
Average Launch Power
P0ut
-9
-6
-3
dBm
1
Average Launch Power of OFF Transmitter
-45
dBm
Spectral Width (-20dB)
∆λ
0.88
nm
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
EX
6
dB
Launch OMA
OMA
-8.2
dBm
Rise/Fall Time (20%~80%)
tr /tf
0.26
ns
Relative Intensity Noise
RIN12OMA
-113
dB/Hz
Optical Return Loss tolerance
12
dB
Transmitter Reflectance
TR
-10
dB
Deterministic Jitter
DJ
200
ps
Total Jitter
TJ
385
ps
Output Optical Eye
IEEE 802.3ah Compatible
2
Single Ended Data Input Swing
VIN
250
1200
mV
3
Input Differential Impedance
ZIN
80
100
120
Disable
2.0
Vcc
V
TX Disable
Enable
0
0.8
V
Fault
2.0
Vcc+0.3
V
TX Fault
Normal
0
0.8
V
Receiver
Centre Wavelength
λC
1260
1310
1360
nm
Receiver Sensitivity
-19.5
4


Similar Part No. - FTM-9912C-SL10G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9912C-SL20G SOURCE-FTM-9912C-SL20G Datasheet
307Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9912C-SL20iG SOURCE-FTM-9912C-SL20iG Datasheet
307Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
More results

Similar Description - FTM-9912C-SL10G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL20G SOURCE-FTM-9612C-SL20G Datasheet
307Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
   1.25Gbps SFP Bi-Directional Transceiver
logo
Source Photonics, Inc.
FTM-9312S-G10G SOURCE-FTM-9312S-G10G Datasheet
287Kb / 10P
   1.25Gbps Single Fiber Bi-directional GBIC Transceiver
FTM-9612S-K15EG SOURCE-FTM-9612S-K15EG Datasheet
348Kb / 9P
   1.25Gbps Single Fiber Bi-directional SFF 2*10 Transceiver
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com