Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC14091R0MZF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SMC14091R0MZF
Description  SHIELDED SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SMC14091R0MZF Datasheet(HTML) 4 Page - Superworld Electronics

  SMC14091R0MZF Datasheet HTML 1Page - Superworld Electronics SMC14091R0MZF Datasheet HTML 2Page - Superworld Electronics SMC14091R0MZF Datasheet HTML 3Page - Superworld Electronics SMC14091R0MZF Datasheet HTML 4Page - Superworld Electronics SMC14091R0MZF Datasheet HTML 5Page - Superworld Electronics SMC14091R0MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SHIELDED SMD POWER INDUCTORS
SMC1409 SERIES
( 1 ) CONFIGURATION
8. PACKAGING INFORMATION :
STYLE
13-32
( 2 ) DIMENSIONS
( 3 ) Q'TY & G.W. PER PACKAGE
ØC
INNER : REEL
OUTER : CARTON
330
A
13±0.5
21±0.8
BC
32
D
100
GN
-0
* CARRIER TAPE WIDTH : D
G
EMBOSSED CARRIER
38.4
T
Unit:m/m
D
T
2.0±0.5
90 to 120s
Pre-heating
REFLOW SOLDERINGS
RECOMMENDED SOLDERING CONDITIONS
180°C
150°C
255°C
230°C
40s max.
cooling
Natural
COVER TAPE
SMC1409
SERIES
350
Q'TY (PCS)
1750
13-32
G.W. (gw)
STYLE
G.W. (Kg)
1400
10.5
Q'TY (PCS)
40 x 40 x 26
SIZE (cm)
10s max.
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
09.06.2008
34
+0
P:20 m/m
4 m/m


Similar Part No. - SMC14091R0MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SMC1408R21MZF SUPERWORLD-SMC1408R21MZF Datasheet
220Kb / 4P
   SMD Power Inductors
SMC1408R26MZF SUPERWORLD-SMC1408R26MZF Datasheet
220Kb / 4P
   SMD Power Inductors
SMC1408R32MZF SUPERWORLD-SMC1408R32MZF Datasheet
220Kb / 4P
   SMD Power Inductors
SMC1408R44MZF SUPERWORLD-SMC1408R44MZF Datasheet
220Kb / 4P
   SMD Power Inductors
logo
Adam Technologies, Inc.
SMC140GT ADAM-TECH-SMC140GT Datasheet
209Kb / 2P
   SCREW MACHINE SOCKETS & TERMINAL STRIPS
More results

Similar Description - SMC14091R0MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com