Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBTD16211DGV Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74CBTD16211DGV
Description  24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTD16211DGV Datasheet(HTML) 5 Page - Texas Instruments

  SN74CBTD16211DGV Datasheet HTML 1Page - Texas Instruments SN74CBTD16211DGV Datasheet HTML 2Page - Texas Instruments SN74CBTD16211DGV Datasheet HTML 3Page - Texas Instruments SN74CBTD16211DGV Datasheet HTML 4Page - Texas Instruments SN74CBTD16211DGV Datasheet HTML 5Page - Texas Instruments SN74CBTD16211DGV Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SN74CBTD16211
24-BIT FET BUS SWITCH
WITH LEVEL SHIFTING
SCDS048C – MARCH 1998 – REVISED MAY 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
2
2.5
2.25
3
2.75
3.25
3.5
3.75
4.5
4.75
5
5.25
5.5
VCC – Supply Voltage – V
1.75
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 85°C
5.75
1.5
4
2
2.5
2.25
3
2.75
3.25
3.5
3.75
4.5
4.75
5
5.25
5.5
VCC – Supply Voltage – V
1.75
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 25°C
5.75
1.5
4
2
2.5
2.25
3
2.75
3.25
3.5
3.75
4.5
4.75
5
5.25
5.5
–100
µA
–6 mA
–12 mA
–24 mA
VCC – Supply Voltage – V
1.75
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 0°C
5.75
1.5
4
–100
µA
–6 mA
–12 mA
–24 mA
–100
µA
–6 mA
–12 mA
–24 mA
Figure 2. VOH Values


Similar Part No. - SN74CBTD16211DGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
More results

Similar Description - SN74CBTD16211DGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
logo
Fairchild Semiconductor
FSTD16211 FAIRCHILD-FSTD16211 Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
Texas Instruments
SN74CBTD3861 TI-SN74CBTD3861 Datasheet
80Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI1-SN74CBTD3861_15 Datasheet
669Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210 TI-SN74CBTD16210 Datasheet
87Kb / 6P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI-SN74CBTD3861_06 Datasheet
303Kb / 13P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210DGGR TI-SN74CBTD16210DGGR Datasheet
352Kb / 12P
[Old version datasheet]   SN74CBTD16210 20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD1G384 TI-SN74CBTD1G384 Datasheet
71Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com