Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT3257DBQRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT3257DBQRE4
Description  4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3257DBQRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBT3257DBQRE4 Datasheet HTML 1Page - Texas Instruments SN74CBT3257DBQRE4 Datasheet HTML 2Page - Texas Instruments SN74CBT3257DBQRE4 Datasheet HTML 3Page - Texas Instruments SN74CBT3257DBQRE4 Datasheet HTML 4Page - Texas Instruments SN74CBT3257DBQRE4 Datasheet HTML 5Page - Texas Instruments SN74CBT3257DBQRE4 Datasheet HTML 6Page - Texas Instruments SN74CBT3257DBQRE4 Datasheet HTML 7Page - Texas Instruments SN74CBT3257DBQRE4 Datasheet HTML 8Page - Texas Instruments SN74CBT3257DBQRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74CBT3257
4BIT 1OF2 FET MULTIPLEXER/DEMULTIPLEXER
SCDS017M − MAY 1995 − REVISED JANUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S
1B1
1B2
1A
2B1
2B2
2A
GND
VCC
OE
4B1
4B2
4A
3B1
3B2
3A
D, DB, DBQ, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
OE
4B1
4B2
4A
3B1
3B2
1B1
1B2
1A
2B1
2B2
2A
description/ordering information
The SN74CBT3257 is a 4-bit 1-of-2 high-speed TTL-compatible FET multiplexer/demultiplexer. The low
on-state resistance of the switch allows connections to be made with minimal propagation delay.
Output-enable (OE) and select-control (S) inputs select the appropriate B1 and B2 outputs for the A-input data.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
SN74CBT3257RGYR
CU257
SOIC − D
Tube
SN74CBT3257D
CBT3257
SOIC − D
Tape and reel
SN74CBT3257DR
CBT3257
−40
°C to 85°C
SSOP − DB
Tape and reel
SN74CBT3257DBR
CU257
−40 C to 85 C
SSOP (QSOP) − DBQ
Tape and reel
SN74CBT3257DBQR
CU257
TSSOP − PW
Tube
SN74CBT3257PW
CU257
TSSOP − PW
Tape and reel
SN74CBT3257PWR
CU257
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
FUNCTION
OE
S
FUNCTION
L
L
A port = B1 port
L
H
A port = B2 port
H
X
Disconnect
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74CBT3257DBQRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3257DBQRE4 TI-SN74CBT3257DBQRE4 Datasheet
656Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - SN74CBT3257DBQRE4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
SN74CBT3257 TI-SN74CBT3257_09 Datasheet
656Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257 UTC-U74CBT3257_15 Datasheet
201Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74CBT3257 HITACHI-HD74CBT3257 Datasheet
102Kb / 11P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233_06 Datasheet
155Kb / 9P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com