Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSB1205101MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SSB1205101MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB1205101MZF Datasheet(HTML) 2 Page - Superworld Electronics

  SSB1205101MZF Datasheet HTML 1Page - Superworld Electronics SSB1205101MZF Datasheet HTML 2Page - Superworld Electronics SSB1205101MZF Datasheet HTML 3Page - Superworld Electronics SSB1205101MZF Datasheet HTML 4Page - Superworld Electronics SSB1205101MZF Datasheet HTML 5Page - Superworld Electronics SSB1205101MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSB1205 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
08.05.2008
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
SSB1205101MZF
SSB1205151MZF
SSB1205680MZF
SSB1205221MZF
220.0±20%
100.0±20%
150.0±20%
68.0±20%
SSB12056R8MZF
SSB1205100MZF
SSB12054R7MZF
SSB1205220MZF
SSB1205470MZF
SSB1205330MZF
SSB1205150MZF
15.0±20%
22.0±20%
33.0±20%
47.0±20%
10.0±20%
6.8±20%
4.7±20%
Part No.
Inductance
( µH )
350
150
240
110
38
85
60
46
25
30
23
Irms
RDC
( m )
Max.
Typ.
( A )
1V / 100K
1V / 100K
1V / 100K
SSB1205331MZF
SSB1205681MZF
SSB1205471MZF
330.0±20%
680.0±20%
470.0±20%
710
1000
500
2100
1V / 100K
SSB1205152MZF
1500.0±20%
SSB1205102MZF
1000.0±20%
1V / 100K
1450
Test
Frequency
( Hz )
5.30
1.80
1.00
1.40
1.20
3.20
2.20
2.50
3.50
4.00
5.00
4.50
0.48
0.60
0.88
0.73
0.29
0.35
1.10
0.50
0.43
0.60
0.90
0.72
1.90
1.30
1.60
2.30
2.80
4.00
3.50
5.00
Isat
Typ.
( A )


Similar Part No. - SSB1205101MZF

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
SSB128GTLC9-SB0-2A ADLINK-SSB128GTLC9-SB0-2A Datasheet
277Kb / 3P
   2.5 inch SATA SSD for Industrial Embedded Applications
SSB128GTLE9-SB0-4A ADLINK-SSB128GTLE9-SB0-4A Datasheet
277Kb / 3P
   2.5 inch SATA SSD for Industrial Embedded Applications
SSB128GTTC7-SBA-4A ADLINK-SSB128GTTC7-SBA-4A Datasheet
277Kb / 3P
   2.5 inch SATA SSD for Industrial Embedded Applications
SSB128GTTE7-SB2-4A ADLINK-SSB128GTTE7-SB2-4A Datasheet
277Kb / 3P
   2.5 inch SATA SSD for Industrial Embedded Applications
SSB128GTTG7-SB2-4A ADLINK-SSB128GTTG7-SB2-4A Datasheet
277Kb / 3P
   2.5 inch SATA SSD for Industrial Embedded Applications
More results

Similar Description - SSB1205101MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com