Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63832-5100 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63832-5100
Description  MX150L??Application Tooling
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

63832-5100 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63832-5100 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES AND SPECIFICATIONS
MX150L™
Application Tooling
ORDERING INFORMATION
Production for the Molex MX150L terminals requires
a FineAdjust™ applicator with reeled products. It is
compatible with the Molex TM-3000™ (63801-7200)
and TM-2000™ (63800-8300) Universal Press, plus
most industry standard presses. However, it does NOT
fit into TM-40™ or TM-42™ presses.
Also available is a two-nested, parallel acting Molex
hand tool. For higher volumes, an applicator with
reeled product is recommended.
Mechanical
Dimensions:
Height — 152.00mm (6.00")
Width — 132.00mm (5.346")
Depth — 101.00mm (4.00")
Weight:
Gross — 5.4kg (12 lbs.)
Unpacked — 4.1kg (9 lbs.)
Mechanics:
Stroke — 28.50 and 41.30mm
(1.125 and 1.625")
Shut Height — 135.8mm (5.346")
Processing Capability: 2500 terminations per hour,
depending on operator's skill and application
Terminal Type
Pin Length
Wire Gauge
Reeled No.
Order No.
Loose Terminal No.
Hand Tool No.
Complete Applicator
Perishable Tool Kit
Male Pre-Tin
Standard
18-22 AWG
19417-0024
63865-6100
63865-6170
19417-0048
63811-4400
14-16 AWG
19417-0011
63865-6000
63865-6070
19417-0047
63811-4400
10-12 AWG
19431-0001
63832-5000
63832-5070
19431-0016
63811-5300
8 AWG
19431-0015
63832-5100
63832-5170
19431-0017
63811-5400
Long
18-22 AWG
19417-0028
63865-6100
63865-6170
19417-0052
63811-4400
14-16 AWG
19417-0027
63865-6000
63865-6070
19417-0051
63811-4400
Male Gold
Standard
18-22 AWG
19417-0026
63865-6100
63865-6170
19417-0050
63811-4400
14-16 AWG
19417-0025
63865-6000
63865-6070
19417-0049
63811-4400
Long
18-22 AWG
19417-0030
63865-6100
63865-6170
19417-0054
63811-4400
14-16 AWG
19417-0029
63865-6000
63865-6070
19417-0053
63811-4400
Female Pre-Tin
Standard
18-22 AWG
19420-0002
63865-6200
63865-6270
19420-0010
63811-4400
14-16 AWG
19420-0001
63865-6000
63865-6070
19420-0009
63811-4400
10-12 AWG
19434-0001
63832-5000
63832-5070
19434-0003
63811-5300
8 AWG
19434-0002
63832-5100
63832-5170
19434-0004
63811-5400
Female Gold
Standard
18-22 AWG
19420-0004
63865-6200
63865-6270
19420-0012
63811-4400
14-16 AWG
19420-0003
63865-6000
63865-6070
19420-0011
63811-4400
Visit our website at www.molex.com
Order No. USA-258 Rev. 1
Printed in USA/1K/JI/JI/2006.02
©2006, Molex
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352


Similar Part No. - 63832-5100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63832-5000 MOLEX11-63832-5000 Datasheet
35Kb / 1P
   Conductor Punch
63832-5000 MOLEX11-63832-5000 Datasheet
33Kb / 1P
   Bushing - Punch
63832-5050 MOLEX11-63832-5050 Datasheet
33Kb / 1P
   Bushing - Punch
63832-5070 MOLEX11-63832-5070 Datasheet
35Kb / 1P
   Conductor Punch
63832-5200 MOLEX-63832-5200 Datasheet
303Kb / 5P
   Mechanical Feed Metal Strip Applicator
07-24-17
More results

Similar Description - 63832-5100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0634441216 MOLEX11-0634441216 Datasheet
28Kb / 1P
   Application Tooling
0634460705 MOLEX11-0634460705 Datasheet
54Kb / 1P
   Application Tooling
69012-0960 MOLEX11-69012-0960 Datasheet
36Kb / 1P
   Application Tooling
logo
List of Unclassifed Man...
SJ4F-71GF-M3.0 ETC2-SJ4F-71GF-M3.0 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Molex Electronics Ltd.
0690080229 MOLEX11-0690080229 Datasheet
35Kb / 1P
   Application Tooling
57823-5000 MOLEX11-57823-5000 Datasheet
23Kb / 1P
   Application Tooling
57824-5000 MOLEX11-57824-5000 Datasheet
24Kb / 1P
   Application Tooling
0634453210 MOLEX11-0634453210 Datasheet
29Kb / 1P
   Application Tooling
0634461904 MOLEX11-0634461904 Datasheet
54Kb / 1P
   Application Tooling
0634463209 MOLEX11-0634463209 Datasheet
54Kb / 1P
   Application Tooling
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com