Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBTLV3126PW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBTLV3126PW
Description  LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3126PW Datasheet(HTML) 2 Page - Texas Instruments

  SN74CBTLV3126PW Datasheet HTML 1Page - Texas Instruments SN74CBTLV3126PW Datasheet HTML 2Page - Texas Instruments SN74CBTLV3126PW Datasheet HTML 3Page - Texas Instruments SN74CBTLV3126PW Datasheet HTML 4Page - Texas Instruments SN74CBTLV3126PW Datasheet HTML 5Page - Texas Instruments SN74CBTLV3126PW Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SN74CBTLV3126
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SCDS038D – DECEMBER 1997 – REVISED JULY 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
1A
1OE
SW
1B
2A
2OE
SW
2B
3A
3OE
SW
3B
4A
4OE
SW
4B
2
1
5
4
9
10
12
13
3
6
8
11
simplified schematic, each FET switch
A
(OE)
B
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI/O < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
127
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DBQ package
139
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
182
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
170
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51.


Similar Part No. - SN74CBTLV3126PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3126PW TI-SN74CBTLV3126PW Datasheet
685Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126PWE4 TI-SN74CBTLV3126PWE4 Datasheet
685Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126PWG4 TI-SN74CBTLV3126PWG4 Datasheet
685Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126PWR TI-SN74CBTLV3126PWR Datasheet
281Kb / 11P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126PWR TI-SN74CBTLV3126PWR Datasheet
685Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results

Similar Description - SN74CBTLV3126PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125 Datasheet
289Kb / 12P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3126 UTC-U74CBTLV3126 Datasheet
211Kb / 7P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3125 TI-SN74CBTLV3125_07 Datasheet
824Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_10 Datasheet
685Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3126 UTC-U74CBTLV3126_15 Datasheet
219Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125_09 Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125_15 Datasheet
217Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3215 TI-SN74CBTLV3215 Datasheet
853Kb / 18P
[Old version datasheet]   LOW - voltage quadruple fet bus switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com