Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBTLV3245DGV Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74CBTLV3245DGV
Description  LOW-VOLTAGE OCTAL FET BUS SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3245DGV Datasheet(HTML) 4 Page - Texas Instruments

  SN74CBTLV3245DGV Datasheet HTML 1Page - Texas Instruments SN74CBTLV3245DGV Datasheet HTML 2Page - Texas Instruments SN74CBTLV3245DGV Datasheet HTML 3Page - Texas Instruments SN74CBTLV3245DGV Datasheet HTML 4Page - Texas Instruments SN74CBTLV3245DGV Datasheet HTML 5Page - Texas Instruments SN74CBTLV3245DGV Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SN74CBTLV3245
LOW-VOLTAGE OCTAL FET BUS SWITCH
SCDS034F – JULY 1997 – REVISED MAY 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC = 2.5 V ± 0.2 V
VCC/2
VCC/2
VCC/2
VCC/2
VOH
VOL
From Output
Under Test
CL = 30 pF
(see Note A)
LOAD CIRCUIT
S1
Open
GND
500
500
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
0 V
VOL + 0.15 V
VOH – 0.15 V
0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
tPHL
VCC/2
VCC/2
VCC
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VCC/2
VCC/2
tPLH
2
× VCC
VCC
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74CBTLV3245DGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3245A TI-SN74CBTLV3245A Datasheet
367Kb / 11P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245ADBQ TI-SN74CBTLV3245ADBQ Datasheet
367Kb / 11P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245ADBQR TI-SN74CBTLV3245ADBQR Datasheet
367Kb / 11P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245ADBQR TI-SN74CBTLV3245ADBQR Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
More results

Similar Description - SN74CBTLV3245DGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A Datasheet
367Kb / 11P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT3244 RENESAS-HD74CBT3244 Datasheet
213Kb / 11P
   Octal FET Bus Switch
logo
Texas Instruments
SN74CBT3244 TI1-SN74CBT3244_15 Datasheet
1Mb / 31P
[Old version datasheet]   Octal FET Bus Switch
logo
Renesas Technology Corp
HD74CBT3245A RENESAS-HD74CBT3245A Datasheet
215Kb / 12P
   Octal FET Bus Switch
logo
Texas Instruments
SN74CBT3244DBR TI1-SN74CBT3244DBR Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245A TI-SN74CBT3245A_10 Datasheet
850Kb / 20P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3244 TI-SN74CBT3244 Datasheet
64Kb / 4P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245A TI-SN74CBT3245A Datasheet
519Kb / 15P
[Old version datasheet]   OCTAL FET BUS SWITCH
logo
Toshiba Semiconductor
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com