Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZKUP-1C-110D Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZKUP-1C-110D
Description  13 AMP GENERAL PURPOSE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZKUP-1C-110D Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZKUP-1C-110D Datasheet HTML 1Page - American Zettler, Inc. AZKUP-1C-110D Datasheet HTML 2Page - American Zettler, Inc. AZKUP-1C-110D Datasheet HTML 3Page - American Zettler, Inc. AZKUP-1C-110D Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STANDARD RELAYS: AC Coil- DPDT
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Nominal
Coil Resistance
ORDER NUMBER*
VAC
VAC
VAC
Coil Power VA
± 10%
12
10.2
15.6
2.2
18
AZKUP–2C–12A
24
20.4
31.2
2.2
72
AZKUP–2C–24A
120
102.0
156.0
2.2
1850
AZKUP–2C–120A
240
204.0
312.0
2.2
7200
AZKUP–2C–240A
STANDARD RELAYS: AC Coil-SPDT-Flange Mount Cover
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Nominal
Coil Resistance
ORDER NUMBER
VAC
VAC
VAC
Coil Power VA
± 10%
120
102.0
156.0
2
2025
AZKUP–1C–120AK
240
204.0
312.0
2
8000
AZKUP–1C–240AK
9/02/05 W
STANDARD RELAYS: AC Coil - 3PDT
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Nominal
Coil Resistance
ORDER NUMBER*
VAC
VAC
VAC
Coil Power VA
± 10%
12
10.2
15.6
2.2
18
AZKUP–3C–12A
24
20.4
31.2
2.2
72
AZKUP–3C–24A
120
102.0
156.0
2.2
1850
AZKUP–3C–120A
240
204.0
312.0
2.2
7200
AZKUP–3C–240A
RELAY ORDERING DATA
STANDARD RELAYS: DC Coil
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
ORDER NUMBER*
VDC
VDC
VDC
mA ± 10%
± 10 %
SPDT
12
9.0
15.6
100
120
AZKUP–1C–12D
24
18.0
31.2
50
480
AZKUP–1C–24D
110
82.5
143.0
11
10000
AZKUP–1C–110D
*For DPDT or 3PDT substitute “-2C” or “-3C” for “-1C”. Add suffix “K” for flange mount cover
*Add suffix “K” for flange mount cover
AZKUP
*Add suffix “K” for flange mount cover


Similar Part No. - AZKUP-1C-110D

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZKN1040T AMAZING-AZKN1040T Datasheet
1Mb / 13P
   짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹12kV ESD Protection
Revision 2021/10/14
AZKN1040T.RDG AMAZING-AZKN1040T.RDG Datasheet
1Mb / 13P
   짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹12kV ESD Protection
Revision 2021/10/14
AZKN1044T AMAZING-AZKN1044T Datasheet
1Mb / 13P
   짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹15kV ESD Protection
Revision 2021/12/3
AZKN1044T.RDG AMAZING-AZKN1044T.RDG Datasheet
1Mb / 13P
   짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹15kV ESD Protection
Revision 2021/12/3
More results

Similar Description - AZKUP-1C-110D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
K10 MACOM-K10 Datasheet
290Kb / 3P
   15 Amp General Purpose Miniature Relay
logo
Picker Components
PC113 PICKER-PC113_17 Datasheet
456Kb / 2P
   Miniature 12 & 20 Amp General Purpose Relay
PC113 PICKER-PC113_15 Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC834 PICKER-PC834_17 Datasheet
1Mb / 2P
   Minature 12 & 20 Amp General Purpose Relay
logo
Tyco Electronics
KRP-11AG-24 MACOM-KRP-11AG-24 Datasheet
142Kb / 5P
   5 to 10 Amp General Purpose Relay
logo
List of Unclassifed Man...
QY21XXF230VAC ETC2-QY21XXF230VAC Datasheet
65Kb / 2P
   General Purpose Power Relay QY
logo
Omron Electronics LLC
G8J OMRON-G8J Datasheet
72Kb / 3P
   General Purpose Automotive Power Relay
logo
Picker Components
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
   Miniature 4 Pole 5 Amp General Purpose Relay
PC113 PICKER-PC113_14 Datasheet
330Kb / 2P
   Mina ture 12 & 20 Amp General Purpose Relay
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com