Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBTS3384DW Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74CBTS3384DW
Description  10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTS3384DW Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBTS3384DW Datasheet HTML 1Page - Texas Instruments SN74CBTS3384DW Datasheet HTML 2Page - Texas Instruments SN74CBTS3384DW Datasheet HTML 3Page - Texas Instruments SN74CBTS3384DW Datasheet HTML 4Page - Texas Instruments SN74CBTS3384DW Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN74CBTS3384
10-BIT FET BUS SWITCH
WITH SCHOTTKY DIODE CLAMPING
SCDS024H – MAY 1995 – REVISED JULY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Functionally Equivalent to QS3384 and
QS3L384
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB, DBQ), Thin Very Small-Outline (DGV),
and Thin Shrink Small-Outline (PW)
Packages
description
The
SN74CBTS3384
provides
ten
bits
of
high-speed TTL-compatible bus switching with
Schottky diodes on the I/Os to clamp undershoot.
The low on-state resistance of the switch allows
connections to be made with minimal propagation
delay.
The device is organized as two 5-bit bus switches with separate output-enable (OE) inputs. When OE is low,
the switch is on and port A is connected to port B. When OE is high, the switch is open and a high-impedance
state exists between the two ports.
The SN74CBTS3384 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each 5-bit bus switch)
INPUTS
INPUTS/OUTPUTS
1OE
2OE
1B1–1B5
2B1–2B5
L
L
1A1–1A5
2A1–2A5
L
H
1A1–1A5
Z
H
LZ
2A1–2A5
H
H
Z
Z
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DB, DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
1OE
1B1
1A1
1A2
1B2
1B3
1A3
1A4
1B4
1B5
1A5
GND
VCC
2B5
2A5
2A4
2B4
2B3
2A3
2A2
2B2
2B1
2A1
2OE
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13


Similar Part No. - SN74CBTS3384DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTS3384DW TI1-SN74CBTS3384DW Datasheet
904Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS3384DWR TI1-SN74CBTS3384DWR Datasheet
904Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
More results

Similar Description - SN74CBTS3384DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTS3384 TI1-SN74CBTS3384_15 Datasheet
904Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16211 TI-SN74CBTS16211 Datasheet
76Kb / 5P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16211 TI1-SN74CBTS16211_08 Datasheet
342Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS6800 TI-SN74CBTS6800 Datasheet
57Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
SN74CBTS6800 TI1-SN74CBTS6800_15 Datasheet
739Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
SN74CBTS16212 TI-SN74CBTS16212_08 Datasheet
350Kb / 12P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16212 TI-SN74CBTS16212 Datasheet
82Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS3306 TI1-SN74CBTS3306_15 Datasheet
1,023Kb / 13P
[Old version datasheet]   DUAL FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS3306 TI-SN74CBTS3306 Datasheet
64Kb / 4P
[Old version datasheet]   DUAL FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
logo
Renesas Technology Corp
HD74CBTS16212A RENESAS-HD74CBTS16212A Datasheet
237Kb / 13P
   24-bit FET Bus-Exchange Switches with Schottky diode clamping
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com