Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME41BEHAZ Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME41BEHAZ
Description  Shunt Bandgap Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME41BEHAZ Datasheet(HTML) 4 Page - Analog Microelectronics

  AME41BEHAZ Datasheet HTML 1Page - Analog Microelectronics AME41BEHAZ Datasheet HTML 2Page - Analog Microelectronics AME41BEHAZ Datasheet HTML 3Page - Analog Microelectronics AME41BEHAZ Datasheet HTML 4Page - Analog Microelectronics AME41BEHAZ Datasheet HTML 5Page - Analog Microelectronics AME41BEHAZ Datasheet HTML 6Page - Analog Microelectronics AME41BEHAZ Datasheet HTML 7Page - Analog Microelectronics AME41BEHAZ Datasheet HTML 8Page - Analog Microelectronics AME41BEHAZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AME
4
Shunt Bandgap Voltage Reference
AME41-ADJ
Rev.G.03
n Ordering Information
Note: ww & yyww represents date code
* A line on top of the first letter represents lead free plating such as ACB.
Please consult AME sales office or authorized Rep./Distributor for the availability of voltage accuracy and package
type.
Part Number
Marking*
Accuracy
Package
Operating Ambient
Temperature Range
AME41BEET
ACBww
0.5%
SOT-23
- 40
oC to +85oC
AME41BEETZ
ACBww
0.5%
SOT-23
- 40
oC to +85oC
AME41BEAT
AME
41
BEAT
yyww
0.5%
TO-92-3
- 40
oC to +85oC
AME41BEAT-1
AME
41
BEAT
yyww
0.5%
TO-92-3
- 40
oC to +85oC
AME41BEATZ
AME
41
BEAT
yyww
0.5%
TO-92-3
- 40
oC to +85oC
AME41BEATZ-1
AME
41
BEAT
yyww
0.5%
TO-92-3
- 40
oC to +85oC
AME41BEHA
41
BEHA
yyww
0.5%
SOP-8
- 40
oC to +85oC
AME41BEHAZ
41
BEHA
yyww
0.5%
SOP-8
- 40
oC to +85oC


Similar Part No. - AME41BEHAZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41BEHA AME-AME41BEHA Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results

Similar Description - AME41BEHAZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
   Shunt Bandgap Voltage Reference
AME41-1.2 AME-AME41-1.2 Datasheet
187Kb / 14P
   Shunt Bandgap Voltage Reference
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
   Shunt Bandgap Voltage Reference
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
CLM4041 CALOGIC-CLM4041 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
   5V Bandgap Reference
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
LT1029 LINER-LT1029_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com